Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDC5 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDC5
Description  DC POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDC5 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDC5 Datasheet HTML 1Page - M-System Co.,Ltd. MDC5 Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: MDC5
MDC5 SPECIFICATIONS
ES-9288 Rev.6 Page 1/2
https://www.m-system.co.jp/
DC POWER SUPPLY
(maintenance forecast monitor function, capacity 60 W)
Functions & Features
• Accepts 100 – 240 V AC and provides regulated 24 V DC
output
• Maintenance forecast monitor function
40
[1.57]
95
[3.74]
108.3
[4.26]
mm [inch]
MODEL:MDC5–06024A–M2
ORDERING INFORMATION
• Code number: MDC5-06024A-M2
CAPACITY
060: 60 W
OUTPUT VOLTAGE
24: 24 V DC
MONITOR
A: Maintenance forecast monitor function
POWER INPUT
AC Power
M2: 100 – 240 V AC
GENERAL SPECIFICATIONS
Construction: Front terminal access; terminal cover
provided
Connection: M4 screw terminals (torque 1.08 N·m)
Screw terminal: Nickel-plated steel
Housing material: Polycarbonate
Power fuse: 250 V AC @ 3.15 A incorporated
SUPPLY OUTPUT
Output voltage: 24 V DC -10/+15 %; adjustable on the front
(ripple 2.0 %p-p max.)
Load current: ≤ 2.5 A
Overload protection: Voltage drop characteristics (105 %)
Overload detecting: 105 % of the rated current
INSTALLATION
Power input
AC: Operational voltage range 85 – 264 V AC 50/60 Hz
Operating temperature: 0 to 50°C (32 to 122°F)
Operating humidity: 25 to 85 % RH (non-condensing)
Mounting: DIN rail
Weight: 330 g (0.73 lb)
PERFORMANCE
Temp. coefficient: ±0.05 %/°C (±0.03 %/°F)
Load effect: ≤ 1.5 %
Line voltage effect: ±0.5 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 3000 V AC @ 1 minute
(output to power input)
2000 V AC @ 1 minute (power input to ground)
1000 V AC @ 1 minute (output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EN 61204-3 (Class A)
Low Voltage Directive
EN 62477-1
RoHS Directive
Approval:
UL 508 (Class 2: per UL 1310)
CAN/CSA C22.2 No.14


Similar Part No. - MDC5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDC500-16IO1 ISC-MDC500-16IO1 Datasheet
257Kb / 2P
Thyristor Diode Modules
logo
Motorola, Inc
MDC5000T1 MOTOROLA-MDC5000T1 Datasheet
215Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
Low Voltage Bias Stabilizer with Enable
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
Low Voltage Bias Stabilizer with Enable
More results

Similar Description - MDC5

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
TPS_DNX350 CANDD-TPS_DNX350 Datasheet
131Kb / 4P
DC/DC Power Supply
logo
XFMRS Inc.
XFEB321611-101 XFMRS-XFEB321611-101 Datasheet
26Kb / 1P
DC POWER SUPPLY
XFEB321611-101-04A XFMRS-XFEB321611-101-04A Datasheet
23Kb / 1P
DC POWER SUPPLY
XFEB321611-102-1A XFMRS-XFEB321611-102-1A Datasheet
74Kb / 2P
DC POWER SUPPLY
XFEB321611-501-3A XFMRS-XFEB321611-501-3A Datasheet
78Kb / 1P
DC POWER SUPPLY
XFEI100505-4N7S XFMRS-XFEI100505-4N7S Datasheet
57Kb / 1P
DC POWER SUPPLY
logo
M-System Co.,Ltd.
HDC1 MSYSTEM-HDC1 Datasheet
67Kb / 2P
DC POWER SUPPLY
HDC9 MSYSTEM-HDC9 Datasheet
94Kb / 1P
DC POWER SUPPLY
logo
Pepperl+Fuchs Inc.
PSU1100-J1-DC-N0 PF-PSU1100-J1-DC-N0 Datasheet
479Kb / 3P
DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com