Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5012 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5012
Description  isc Silicon NPN Low Noise Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5012 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5012 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5012 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5012 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Low Noise Bipolar Transistor
2SC5012
DESCRIPTION
·
Low Noise Figure
NF = 1.7 dB TYP. @VCE = 8 V, IC = 5 mA, f = 1GHz
·
High Gain
︱
S21︱2 =14.5dB TYP. @VCE= 8 V,IC = 30 mA,f = 1GHz
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use in low noise ,high-gain amplifiers and
linear broadband amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
1.5
V
IC
Collector Current-Continuous
65
mA
PC
Collector Power Dissipation
@TC=25℃
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - 2SC5012

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5012 RENESAS-2SC5012 Datasheet
189Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5012-T1 NEC-2SC5012-T1 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
logo
Renesas Technology Corp
2SC5012-T1 RENESAS-2SC5012-T1 Datasheet
189Kb / 9P
NPN SILICON RF TRANSISTOR
2004
logo
NEC
2SC5012-T2 NEC-2SC5012-T2 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results

Similar Description - 2SC5012

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
Infineon Technologies A...
BFP540FESD INFINEON-BFP540FESD_13 Datasheet
538Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-05
BFP540ESD INFINEON-BFP540ESD_13 Datasheet
628Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-13
BFP540 INFINEON-BFP540_13 Datasheet
578Kb / 10P
Low Noise Silicon Bipolar RF Transistor
2013-09-20
BFP420F INFINEON-BFP420F_12 Datasheet
1Mb / 30P
Low Noise Silicon Bipolar RF Transistor
Revision 1.1, 2012-11-07
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
logo
Inchange Semiconductor ...
AT41511 ISC-AT41511 Datasheet
268Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
2SC5095 ISC-2SC5095 Datasheet
256Kb / 3P
isc Silicon NPN Low Noise Bipolar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com