Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDM2AT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDM2AT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDM2AT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDM2AT Datasheet HTML 1Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 2Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MDM2AT
MDM2AT SPECIFICATIONS
ES-8229 Rev.3 Page 3/3
https://www.m-system.co.jp/
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
4
8 7
10
11
5
6
1
2
3
9
22 [.87]
6 [.24]
11–M3
SCREW
29.5 [1.16]
2–4.2x5
[.17x.20]
MTG HOLE
6 [.24] deep
• When mounting, no extra space is needed between units.
21.5 [.85]
84 [3.31]
10 [.39]
DIN RAIL
35mm wide
(4 [.16])
114 [4.49]
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Base Socket
G
G
PWR LED
Surge
Counter
Leakage Current
Detector
ALM LED
20Ω
Voltage Limiter
Ry
CT
CABLE SIDE
POWER
Discharge
Elements
+
–
+
–
U(+)
V(–)
ALARM OUTPUT
PROTECTED
EQUIPMENT
1
2
4
5
6
7
8
9
10
11
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com