Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDM2AT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDM2AT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDM2AT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDM2AT Datasheet HTML 1Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 2Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDM2AT
MDM2AT SPECIFICATIONS
ES-8229 Rev.3 Page 2/3
https://www.m-system.co.jp/
Line to earth: ≤ 5 μA @ max. voltage
Discharge current capacity: 5000 A (8 / 20 μsec.)
Max. load current: 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
(surge protector circuit to alarm output to power)
Dielectric strength: 2000 V AC @ 1 minute (surge protector
circuit to alarm output to power)
Internal series resistance: 20 Ω ±10 % (including return)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (alarm output)
Installation Category II (power)
Pollution degree 2
Surge protector circuit to power:
Reinforced insulation (300 V)
RoHS Directive
CAUTION
Before replacing the unit, make sure to turn off the power
supply for safety. Other factors such like an alarm system
connected to the line should also be considered.
The life monitoring circuit remains alive by the internal
backup circuit even when the external power supply is
removed. The LED is turned off in that case.
CONNECTION EXAMPLES
M-RESTER
4 – 20mA
Protected Equipment
4
5
1
V
U
2
11
10
6
G
Surge Protector
for Power Supply Line
To POWER
SOURCE
ALARM OUTPUT
PWR
G
7
8
9
G
G
U
(+)
V
(–)
Crossover
Wiring
Crossover Wiring
Be sure to cross-wire as indicated above.
Grounding
(100Ω or less)
CABLE SIDE
(surge side)
+
+
+
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com