Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDM2AT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDM2AT
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDM2AT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDM2AT Datasheet HTML 1Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 2Page - M-System Co.,Ltd. MDM2AT Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDM2AT
MDM2AT SPECIFICATIONS
ES-8229 Rev.3 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
STANDARD SIGNAL LINE & PULSE USE
(life monitor, 24 V, 48 V or 65 V DC line voltage,
photovoltaic system, instrument shelter)
Functions & Features
• Designed specifically for 4 – 20 mA DC and pulse signal
lines
• Absorbs surges only without affecting instrumentation
signal
• Life monitor function helps you to decide when you should
replace the surge protector; reduces time and effort for
maintenance and prevents downtime
• LED display and alarm output indicate the degradation
and life span of the surge protection circuits
• Wide range of operating temperature from -20 to +70°C
(-4 to +158°F)
29.5 [1.16]
76
[2.99]
124
[4.88]
Model
ALM
PWR
mm [inch]
MODEL: MDM2AT–[1]–[2]
ORDERING INFORMATION
• Code number: MDM2AT-[1]-[2]
Specify a code from below for each of [1] and [2].
(e.g. MDM2AT-24-M2)
[1] NOMINAL VOLTAGE
24: 24 V DC
65: 48 V or 65 V DC
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Housing material: Flame-resistant resin (black)
Alarm indicators
PWR: The green LED turns on while the power is supplied.
ALM: Tricolor LED (green/amber/red)
· Remains off when the power supply is first turned on.
· Green: The unit has received one or more surges.
· Amber: Replacement is recommended.
· Red: The life span has ended.
Degradation judged: When the leakage current at the
voltage limiter exceed approx. 7.5 μA.
Life time judged: When the number of discharges of the
discharge element reaches the expected life span.
Alarm output: The N.C. contact is on when the life span of
the discharge elements has ended, when the voltage limiter
has degraded, and/or when the power supply is removed.
Rating: 125 V AC @ 0.5 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 125 V AC or 110 V DC
Maximum switching power: 62.5 VA or 30 W
Minimum load: 5 V DC @ 1 mA
INSTALLATION
Power consumption
•AC: ≥ 2.3 VA at 100 V
≥ 3.5 VA at 200 V
≥ 4.6 VA at 240 V
•DC: ≥ 1.7 W
Operating temperature: -20 to +70°C (-4 to +158°F)
Storage temperature: -30 to +70°C (-22 to +158°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 150 g (0.33 lb)
PERFORMANCE
Max. continuous operating voltage (Uc):
Line to line: 30 V (24 V DC use), 70 V (48 V or 65 V DC use)
Line to earth: ±140 V
Voltage protection level (Up):
Line to line: 45 V max. (24 V DC use), 100 V max.
(48 V or 65 V DC use)
Line to earth: ±650 V max.
Response time: ≤ 0.1 μsec.
Leakage current:
Line to line: ≤ 5 μA @ max. voltage


Similar Part No. - MDM2AT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDM2A-24-M2 MSYSTEM-MDM2A-24-M2 Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDM2A-24-P MSYSTEM-MDM2A-24-P Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDM2A-24-R MSYSTEM-MDM2A-24-R Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDM2A-65 MSYSTEM-MDM2A-65 Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDM2A-65-M2 MSYSTEM-MDM2A-65-M2 Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDM2AT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com