Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDW5ALW-B-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MDW5ALW-B-R
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDW5ALW-B-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MDW5ALW-B-R Datasheet HTML 1Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 2Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 3Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 4Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MDW5ALW
MDW5ALW SPECIFICATIONS
ES-8218 Rev.4 Page 4/5
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
3
4
6
7
8
9
10
11
5
A1
A2
Discharge
Element
Voltage Monitoring
U
V
G
+
SHLD
u
v
G
U
V
Voltage
Limiter
Counter
Comparation
Circuit
Voltage
Limiter
Alarm
LED
Series Resistance
5V
12V
Communication
SURGE SIDE
PROTECTED
SIDE
POWER
Cross Wiring
U(+)
V(–)
To
POWER
Grounding
*2
*3
*3
HEAD ELEMENT
BASE
G
*1
Battery 3V
ALARM OUTPUT
NET A, B
■ CONNECTION DIAGRAM
*1. Be sure to use twisted-pair cables.
*2. No polarity.
*3. With shielded twisted-pair cables, connect the shield of the cable to the ‘3’ terminal of the M-Rester for floating, and with the ‘4’ terminal for grounding.
Follow instructions provided with the protected device whether ‘8’ and ‘9’ terminals should be connected or not.
However, if the shield terminal of the protected device is not isolated from NET A / B, DO NOT connect ‘8’ and ‘9’ terminals to the protected device.
Power LED
Discharge
Element
Leakage
Current
Detector
Protected Device
Surge Protector for
Power Supply Line



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com