Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDW5ALW-B-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDW5ALW-B-R
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDW5ALW-B-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDW5ALW-B-R Datasheet HTML 1Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 2Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 3Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 4Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: MDW5ALW
MDW5ALW SPECIFICATIONS
ES-8218 Rev.4 Page 2/5
http://www.m-system.co.jp/
Maximum switching power: 250 VA or 30 W
Minimum load: 5 V DC @ 10 mA
Battery: Lithium battery built in the element, used for life
time judgement. No recharge or replacement available.
Battery life: ≥ 10 years
INSTALLATION
Power consumption
•AC: Approx. 2 VA at 100 V
Approx. 3 VA at 200 V
Approx. 4 VA at 240 V
•DC: ≤ 2 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 160 g (0.35 lb)
PERFORMANCE
Max. continuous operating voltage (Uc):
Line to line: ±1.5 V
Line to earth: ±100 V
SHLD to earth: ±160 V
Voltage protection level (Up):
@ 4 kV (1.2/50 μsec.)
Line to line: ±30 V
Line to earth: ±370 V
SHLD to earth: ±800 V
Response time:
Line to line: ≤ 4 nsec.
Line or SHLD to earth: ≤ 20 nsec.
Leakage current
(@ max. continuous operating voltage)
Line to line: ≤ 50 μA
Line to earth: ≤ 20 μA
SHLD to earth: ≤ 5 μA
Max. discharge current (Imax): 10 kA (8/20 μsec.), 1.0 kA
(10/350 μsec.)
Nominal current (IN): 100 mA
Insulation resistance: ≥ 100 MΩ with 500 V DC
(surge protector circuit to alarm contact to power)
Dielectric strength: 2000 V AC @ 1 minute
(surge protector circuit to alarm contact to power)
Internal series resistance: ≤ 3.8 Ω (including return)
≤ 4.2 Ω (for only base, including return)
AC durability: 1 Arms (60 Hz 1 sec.) 5 times
Capacitance @ 1 MHz:
Line to line: Approx. 100 pF
Line to earth: Approx. 100 pF
SHLD to earth: Approx. 100 pF
Surge protection: IEC 61643-21 Categories C1, C2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com