Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDW5ALW-B-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDW5ALW-B-R
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDW5ALW-B-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDW5ALW-B-R Datasheet HTML 1Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 2Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 3Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 4Page - M-System Co.,Ltd. MDW5ALW-B-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MDW5ALW
MDW5ALW SPECIFICATIONS
ES-8218 Rev.4 Page 1/5
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
LonWorks
(life monitor)
Functions & Features
• Designed specifically for the network
• Life monitor function helps you to decide when you should
replace the surge protector
• LED and alarm contact output indicate the degradation
and life span of the surge protection circuits
• Easy maintenance thanks to discharge elements installed
on the element module
• No interruption of signal even unplugging head element
• DIN rail mounting
45 (1.78)
97 (3.82)
89 (3.5)
mm (inch)
HEAD ELEMENT
MODEL: MDW5ALW–E
BASE
MODEL: MDW5ALW–B–[1]
ORDERING INFORMATION
Order the both pieces of this surge protector (the head
element and the base), respectively required for the use.
Order the pieces by separate only for replacement.
• Head element
Code number: MDW5ALW-E
• Base
Code number: MDW5ALW-B-[1]
Specify a code from below for [1].
(e.g. MDW5ALW-B-R)
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
APPLICABLE NETWORK
LonWorks FTT-10A network
This unit is not applicable to LonWorks Link Power network.
GENERAL SPECIFICATIONS
Construction: Plug-in
Degree of protection: IP20 (If the solderless terminals are
covered with insulation tubes.)
Surge protection type: Two-port SPD
Connection
• Transmission, power & grounding: M3 screw terminals
(torque 0.8 N·m)
• Alarm output: Euro Type Connector Terminal
(torque 0.6 N·m)
Applicable wire size
Line, communication: See the 'External Dimensions.'
Alarm output: 0.2 to 2.5 mm2, stripped length 7 mm
Screw terminal
• Transmission, power & grounding: Nickel-plated steel
• Alarm output: Tin-plated copper alloy
Housing material: Flame-resistant resin (black)
Indicators
• ALM: Green/Amber/Red tricolor LED
OFF when no surge is detected.
Green ON when surge is detected more than once.
Amber ON when element life is about to expire.
(Prepare to replace)
Red ON when element life is expired or deteriorated
or internal battery is drained. (Replace)
• PWR: Green LED
ON when power is supplyed.
OFF when the base power circuit is in error.
Degradation judged: When the leakage current at the
voltage limiter exceeds approx. 100 μA
Life time judged: When the number of discharges of the
discharge element reaches the expected life span.
Alarm contact: Relay N.C contact
• Element error: ON when life span of the discharge
element has expired, the voltage limiter is degraded,
battery drain or element is removed.
• Base error: ON with power circuit error or power supply
failure
Rated load: 250 V AC @ 1 A (cos ø = 1)
30 V DC @ 1 A (resistive load)
Maximum switching voltage: 264 V AC or 125 V DC


Similar Part No. - MDW5ALW-B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDW5-4R MSYSTEM-MDW5-4R Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDW5-CC MSYSTEM-MDW5-CC Datasheet
116Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDW54R MSYSTEM-MDW54R Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDW5CC MSYSTEM-MDW5CC Datasheet
116Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDW5ALW-B-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com