Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR8 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MDR8
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDR8 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MDR8 Datasheet HTML 1Page - M-System Co.,Ltd. MDR8 Datasheet HTML 2Page - M-System Co.,Ltd. MDR8 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: MDR-8
http://www.m-system.co.jp/
MDR-8 SPECIFICATIONS
ES-8131 Rev.9 Page 3/3
SCHEMATIC CIRCUITRY
TO CABLE
S1
P1
P2
P8 TO EQUIPMENT
S2
S8
20Ω
82Ω
82Ω
82Ω
20Ω
20Ω
COM.
COM.
GND.
GND.
*
*
*
*Zenor diode has polarity.
Not applicable to zero-cross signals.
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com