Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR8 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDR8
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDR8 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDR8 Datasheet HTML 1Page - M-System Co.,Ltd. MDR8 Datasheet HTML 2Page - M-System Co.,Ltd. MDR8 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDR-8
http://www.m-system.co.jp/
MDR-8 SPECIFICATIONS
ES-8131 Rev.9 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
MULTI M-RESTER
Functions & Features
• Designed specifically for ON-OFF signals, protecting
semiconductor switches used for ON-OFF outputs from the
computer or PLC from lightning surge damage that enters
on the wiring between these instruments
• 8 channels
• Most convenient as junction board
• Minimum mounting space
SURGE
SIDE
S1
S2
S3
S4
S5
S6
S7
S8
COM
GND
PROTECT
SIDE
P1
P2
P3
P4
P5
P6
P7
P8
COM
GND
40 (1.57)
160 (6.30)
mm (inch)
95 (3.74)
MODEL: MDR–8
ORDERING INFORMATION
• Code number: MDR-8
GENERAL SPECIFICATIONS
Construction: terminal board; terminal cover provided
Connection: M3 screw terminals (torque 0.5 N·m)
Screw terminal: Nickel-plated brass
Housing material: Steel plate t = 1.2 (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 510 g (1.12 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Between each of S1–S8 lines: ±30 V min.
Each line – COM: 30 V min.
Each line or COM – G: ±60 V min.
Maximum surge voltage
Between each of S1–S8 lines: ±40 V max.
Each line – COM: 40 V max.
Each line or COM – G: ±650 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Between each of S1–S8 lines: ≤ 5 μA at ±30 V DC
Each line – COM: ≤ 5 μA at 30 V DC
Each line or COM – G: ≤ 5 μA at ±60 V DC
Max. discharge current (Imax): 1000 A (8/ 20 μsec.)
Max. load current: 100 mA
Internal series resistance: Approx. 100Ω


Similar Part No. - MDR8

ManufacturerPart #DatasheetDescription
logo
Hitec RCD USA
MDR845WP HITEC-RCD-MDR845WP Datasheet
283Kb / 1P
Contactless Magnetic Encoder
Ver2.1
More results

Similar Description - MDR8

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com