Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDR8 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MDR8
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDR8 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MDR8 Datasheet HTML 1Page - M-System Co.,Ltd. MDR8 Datasheet HTML 2Page - M-System Co.,Ltd. MDR8 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MDR-8
http://www.m-system.co.jp/
MDR-8 SPECIFICATIONS
ES-8131 Rev.9 Page 2/3
CONNECTION EXAMPLES
TELEMETER
PLC
XMTR
M-RESTER
PROTECTED
EQUIPMENT
M-RESTER
P1
P2
P8
G
COM
RELAY
METAL
HOUSING
FIELD
S1
S2
S8
COM
S1
S2
S8
G
G
COM
P1
P2
P8
COM
All negative lines are connected to COM.
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
P1
PROTECT
SIDE
SURGE
SIDE
S1
P2
S2
P3
S3
P4
S4
P5
S5
P6
S6
P7
S7
P8
S8
COM
COM
GND
GND
70 (2.76)
95 (3.74)
25 (.98)
40 (1.57)
4–4.5 (.18) dia.
MTG HOLE
20–M3 SCREW
•When mounting, no extra space is needed between units.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com