Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX1 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP48FVBX1
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX1 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP48FVBX1 Datasheet HTML 47Page - Microchip Technology MCP48FVBX1 Datasheet HTML 48Page - Microchip Technology MCP48FVBX1 Datasheet HTML 49Page - Microchip Technology MCP48FVBX1 Datasheet HTML 50Page - Microchip Technology MCP48FVBX1 Datasheet HTML 51Page - Microchip Technology MCP48FVBX1 Datasheet HTML 52Page - Microchip Technology MCP48FVBX1 Datasheet HTML 53Page - Microchip Technology MCP48FVBX1 Datasheet HTML 54Page - Microchip Technology MCP48FVBX1 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 51
MCP48FVBXX
7.0
SPI COMMANDS
This section documents the commands that the device
supports.
The MCP48FVBXX’s SPI command format supports
32 memory address locations and two commands.
The two commands are:
• Write command (C1:C0 = ‘00’)
• Read command (C1:C0 = ‘11’)
The supported commands are shown in Table 7-1. These
commands allow for both single data or continuous data
operation. Table 7-1 also shows the required number of
bit clocks for each command’s different mode of
operation.
The 24-bit commands (see Figure 7-1) are used to
read and write to the device registers (Read
Command and Write Command). These commands
contain a Command Byte and two Data Bytes.
Table 7-2 shows an overview of all the SPI commands
and their interaction with other device features.
TABLE 7-1:
SPI COMMANDS - NUMBER OF CLOCKS
Command
# of Bit
Clocks (1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
HV
Mode
C1
C0
@
1MHz
@
10 MHz
@
20 MHz
Write Command
00
No (2) Single
24
41,666
416,666
833,333
00
No (2) Continuous
24
 n
41,666
416,666
833,333
For 10 data words
Read Command
11
No (2) Single
24
41,666
416,666
N.A.
11
No (2) Continuous
24
 n
41,666
416,666
N.A.
For 10 data words
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition
(CMDERR) will NOT be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com