Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX1 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP48FVBX1
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX1 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP48FVBX1 Datasheet HTML 73Page - Microchip Technology MCP48FVBX1 Datasheet HTML 74Page - Microchip Technology MCP48FVBX1 Datasheet HTML 75Page - Microchip Technology MCP48FVBX1 Datasheet HTML 76Page - Microchip Technology MCP48FVBX1 Datasheet HTML 77Page - Microchip Technology MCP48FVBX1 Datasheet HTML 78Page - Microchip Technology MCP48FVBX1 Datasheet HTML 79Page - Microchip Technology MCP48FVBX1 Datasheet HTML 80Page - Microchip Technology MCP48FVBX1 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 77
MCP48FVBXX
B.4
Full-Scale Error (EFS)
The Full-Scale Error (see Figure B-3) is the error on
the VOUT pin relative to the expected VOUT voltage
(theoretical) for the maximum device DAC register
code (code FFFh for 12-bit, code 3FFh for 10-bit, and
code FFh for 8-bit) (see Equation B-2). The error is
dependent on the resistive load on the VOUT pin (and
where that load is tied to, such as VSS or VDD). For
loads (to VSS) greater than specified, the full-scale
error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION B-2:
FULL-SCALE ERROR
B.5
Zero-Scale Error (EZS)
The Zero-Scale Error (see Figure B-2) is the difference
between the ideal and the measured VOUT voltage with
the DAC register code equal to 000h (Equation B-3).
The error is dependent on the resistive load on the
VOUT pin (and where that load is tied to, such as VSS or
VDD). For loads (to VDD) greater than specified, the
zero-scale error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION B-3:
ZERO-SCALE ERROR
B.6
Total Unadjusted Error (ET)
The Total Unadjusted Error (ET) is the difference
between the ideal and measured VOUT voltage.
Typically, calibration of the output voltage is
implemented to improve system performance.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
Equation B-4 shows the Total Unadjusted Error
calculation.
EQUATION B-4:
TOTAL UNADJUSTED
ERROR CALCULATION
EFS =
VOUT(@FS) - VIDEAL(@FS)
VLSb(IDEAL)
Where:
EFS is expressed in LSb.
VOUT(@FS) = The VOUT voltage when the DAC
register code is at full-scale.
VIDEAL(@FS) = The ideal output voltage when the
DAC register code is at full-scale.
VLSb(IDEAL) = The theoretical voltage step size.
EZS =
VOUT(@ZS)
VLSb(IDEAL)
Where:
EZS is expressed in LSb.
VOUT(@ZS) =The VOUT voltage when the DAC
register code is at zero-scale.
VLSb(IDEAL) = The theoretical voltage step size.
Where:
ET is expressed in LSb.
VOUT_Actual(@code) = The measured DAC output
voltage at the specified code.
VOUT_Ideal(@code) = The calculated DAC output
voltage at the specified code.
( code * V
LSb(Ideal) )
VLSb(Ideal) =VREF/# Steps
12-bit = VREF/4096
10-bit = VREF/1024
8-bit = VREF/ 256
ET =
( VOUT_Actual(@code) - VOUT_Ideal(@Code) )
VLSb(Ideal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com