Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVBX1 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP48FVBX1
Description  8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVBX1 Datasheet(HTML) 1 Page - Microchip Technology

  MCP48FVBX1 Datasheet HTML 1Page - Microchip Technology MCP48FVBX1 Datasheet HTML 2Page - Microchip Technology MCP48FVBX1 Datasheet HTML 3Page - Microchip Technology MCP48FVBX1 Datasheet HTML 4Page - Microchip Technology MCP48FVBX1 Datasheet HTML 5Page - Microchip Technology MCP48FVBX1 Datasheet HTML 6Page - Microchip Technology MCP48FVBX1 Datasheet HTML 7Page - Microchip Technology MCP48FVBX1 Datasheet HTML 8Page - Microchip Technology MCP48FVBX1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
 2015 Microchip Technology Inc.
DS20005466A-page 1
MCP48FVBXX
Features
• Operating Voltage Range:
- 2.7V to 5.5V - full specifications
- 1.8V to 2.7V - reduced device specifications
• Output Voltage Resolutions:
- 8-bit: MCP48FVB0X (256 Steps)
- 10-bit: MCP48FVB1X (1024 Steps)
- 12-bit: MCP48FVB2X (4096 Steps)
• Rail-to-Rail Output
• Fast Settling Time of 7.8 µs (typical)
• DAC Voltage Reference Source Options:
- Device VDD
-External VREF pin (buffered or unbuffered)
- Internal Band Gap (1.22V typical)
• Output Gain Options:
- Unity (1x)
-2x
• Power-on/Brown-out Reset Protection
• Power-Down Modes:
- Disconnects output buffer (High Impedance)
- Selection of VOUT pull-down resistors
(100 k
 or 1 k)
• Low Power Consumption:
- Normal operation: <180 µA (Single),
380 µA (Dual)
- Power-down operation: 650 nA typical
• SPI Interface:
- Supports ‘00’ and ‘11’ modes
- Up to 20 MHz writes and 10 MHz reads
- Input buffers support interfacing to
low-voltage digital devices
• Package Types: 10-lead MSOP
• Extended Temperature Range: -40°C to +125°C
Package Types
General Description
The MCP48FVBXX are Single- and Dual-channel 8-bit,
10-bit,
and
12-bit
buffered
voltage
output
Digital-to-Analog Converters (DAC) with volatile
memory and an SPI serial interface.
The VREF pin, the device VDD or the internal band gap
voltage can be selected as the DAC’s reference
voltage. When VDD is selected, VDD is connected
internally to the DAC reference circuit. When the VREF
pin is used, the user can select the output buffer’s gain
to be 1 or 2. When the gain is 2, the VREF pin voltage
should be limited to a maximum of VDD/2.
These devices have an SPI-compatible serial interface.
Write commands are supported up to 20 MHz while
read commands are supported up to 10 MHz.
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low-Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
• Motor Control
Dual
Single
MCP48FVBX2
MSOP
MCP48FVBX1
1
2
3
4
7
8
9
10
VSS
VOUT0
VREF0
CS
VDD
SCK
SDI
SDO
5
6 LAT0/HVC
NC
MSOP
1
2
3
4
7
8
9
10
VSS
VOUT0
CS
VDD
SCK
SDI
SDO
56
VOUT1
Note 1:
Associated with both DAC0 and DAC1
VREF(1)
LAT/HVC (1)
8-/10-/12-Bit Single/Dual Voltage Output Volatile
Digital-to-Analog Converters with SPI Interface


Similar Part No. - MCP48FVBX1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP48FVB04 MICROCHIP-MCP48FVB04 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
MCP48FVB08 MICROCHIP-MCP48FVB08 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
MCP48FVB14 MICROCHIP-MCP48FVB14 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
MCP48FVB18 MICROCHIP-MCP48FVB18 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
MCP48FVB24 MICROCHIP-MCP48FVB24 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results

Similar Description - MCP48FVBX1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4801 MICROCHIP-MCP4801 Datasheet
1Mb / 48P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4802 MICROCHIP-MCP4802 Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
MCP47FVBXX MICROCHIP-MCP47FVBXX Datasheet
1Mb / 92P
8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
01/27/15
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com