Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB02 Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP48CMB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB02 Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP48CMB02 Datasheet HTML 54Page - Microchip Technology MCP48CMB02 Datasheet HTML 55Page - Microchip Technology MCP48CMB02 Datasheet HTML 56Page - Microchip Technology MCP48CMB02 Datasheet HTML 57Page - Microchip Technology MCP48CMB02 Datasheet HTML 58Page - Microchip Technology MCP48CMB02 Datasheet HTML 59Page - Microchip Technology MCP48CMB02 Datasheet HTML 60Page - Microchip Technology MCP48CMB02 Datasheet HTML 61Page - Microchip Technology MCP48CMB02 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
MCP48CXBXX
DS20006160A-page 58
 2019 Microchip Technology Inc.
5.2.4
USING THE INTERNAL BAND GAP
AS VOLTAGE REFERENCE
The Internal Band Gap is designed to drive the Resistor
Ladder Buffer.
If the Internal Band Gap is selected, then the band gap
voltage source will drive the external VREF pins. The
VREF1 pin must be left unloaded in this mode. The
voltage reference source can be independently
selected on devices with two DAC channels, but
restrictions apply:
•The VDD mode can be used without issues on any
channel.
• When the Internal Band Gap is selected as the
voltage source, all the VREF pins are connected to
its output. The use of the Unbuffered mode is only
possible on VREF0, because it’s the only one that
can be loaded.
• When using the Internal Band Gap mode on
channel 0, channel 1 must be put in Buffered
External VREF mode or VDD Reference mode and
the VREF1 pin must be left unloaded.
The resistance of the resistor ladder (RRL) is targeted
to be 71 k
 (10%), which means a minimum
resistance of 63.9 k
.
The band gap selection can be used across the VDD
voltages while maximizing the VOUT voltage ranges.
For VDD voltages below the Gain  VBG voltage, the
output for the upper codes will be clipped to the VDD
voltage. Table 5-4 shows the maximum DAC register
code given device VDD and Gain bit setting.
5.3
Output Buffer/VOUT Operation
The Output Driver buffers the wiper voltage (VW) of the
Resistor Ladder.
The DAC output is buffered with a low-power, precision
output amplifier with selectable gain. This amplifier
provides a rail-to-rail output with low offset voltage and low
noise. The amplifier’s output can drive the resistive and
high-capacitive loads without oscillation. The amplifier
provides a maximum load current which is enough for
most programmable voltage reference applications. Refer
to Section 1.0 “Electrical Characteristics” for the
specifications of the output amplifier.
Figure 5-5 shows a block diagram of the output driver
circuit.
FIGURE 5-5:
Output Driver Block Diagram.
Power-Down logic also controls the output buffer
operation (see Section 5.5 “Power-Down Operation”
for additional information on Power-Down). In any of
the three Power-Down modes, the output amplifier is
powered down and its output becomes a high
impedance to the VOUT pin.
5.3.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
Configuration bit (see Register 4-4) and the VRL
reference selection (see Register 4-2).
The Gain options are:
a) Gain of 1, with either the VDD or VREF pin used
as reference voltage.
b) Gain of 2, only when the VREF pin or the Internal
Band Gap is used as reference voltage. The
VREF pin voltage should be limited to VDD/2.
When the reference voltage selection (VRL) is
the device’s VDD voltage, the G bit is ignored
and a gain of 1 is used.
Table 5-2 shows the gain bit operation.
TABLE 5-1:
VOUT USING BAND GAP
Max DAC Code(1)
Comment
12-bit 10-bit 8-bit
5.5
1
FFFh
3FFh
FFh VOUT(max) =1.214V(3)
2
FFFh
3FFh
FFh VOUT(max) =2.428V(3)
2.7
1
FFFh
3FFh
FFh VOUT(max) =1.214V
(3)
2
FFFh
3FFh
FFh VOUT(max) =2.428V
1.8
1
FFFh
3FFh
FFh VOUT(max) =1.214V
2(2) BBCh2EFhBBh 1.8V
Note 1:
Without the VOUT pin voltage being clipped.
2:
Recommended to use the Gain = 1 setting.
3:
When VBG = 1.214V typical.
Note:
The load resistance must be kept higher
than 2 k
 to maintain stability of the
analog output and have it meet electrical
specifications.
VW
Gain
(1x or 2x)
VOUT
PD1:PD0
VDD
PD1:PD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com