Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB02 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP48CMB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB02 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP48CMB02 Datasheet HTML 69Page - Microchip Technology MCP48CMB02 Datasheet HTML 70Page - Microchip Technology MCP48CMB02 Datasheet HTML 71Page - Microchip Technology MCP48CMB02 Datasheet HTML 72Page - Microchip Technology MCP48CMB02 Datasheet HTML 73Page - Microchip Technology MCP48CMB02 Datasheet HTML 74Page - Microchip Technology MCP48CMB02 Datasheet HTML 75Page - Microchip Technology MCP48CMB02 Datasheet HTML 76Page - Microchip Technology MCP48CMB02 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 73
MCP48CXBXX
7.6
Read Command
The Read command is a 24-bit command. The Read
command can be issued to both the volatile and
nonvolatile memory locations. The format of the
command is shown in Figure 7-4.
The first 7 bits of the Read command determine the
address and the command. The 8th clock will output
the CMDERR bit on the SDO pin. For the remaining 16
clocks, the device will transmit the data bits of the
specified address (AD4:AD0).
Figure 7-4 shows the SDI and SDO information for a
Read command.
During an MTP write cycle, the Read command can
only be issued to the volatile memory locations. By
reading the Status register, the Host Controller can
determine when the write cycle has been completed
(via the state of the MTPMA bit).
7.6.1
SINGLE READ
The read operation requires that the CS pin be in the
Active state (VIL). Typically, the CS pin will be in the
Inactive state (VIH) and is driven to the Active state
(VIL). The 24-bit Read command (Command Byte and
Data Word) is then clocked in on the SCK and SDI pins.
The SDO pin starts driving high (VIH) when the CS goes
active and starts driving data on the 8th bit (CMDERR
bit); the addressed data comes out on the 9th through
24th clocks.
FIGURE 7-4:
Read Single Memory Location Command - SDI and SDO States.
12-bit data
10-bit data
8-bit data
SDI
AD
4
AD
3
AD
2
AD
1
AD
0
C
1
C
0
X
X
X
X
X
D
11
D
10
D
09
D
08
D
07
D
06
D
05
D
04
D
03
D
02
D
01
D
00
**
**
*
1
1
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
SDO
11
11
11
1
1
00
00
dd
dd
dd
dd
dd
dd Valid(1)
11
11
11
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0 Invalid(2)
Note 1: The Data bits depend on the resolution of the device: 12-bit = D11:D00,
10-bit = D09:D00, and 8-bit = D07:D00.
The unimplemented bits are output as ‘0’ and data are right justified for easy Host Controller
operation (no data manipulation after reading the register value).
2: If an Error Condition occurs (CMDERR = ‘0’), all the following SDO bits will be output as ‘0’
until the CMDERR condition is cleared (the CS pin is forced to the Inactive state).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com