Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB02 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP48CMB02
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB02 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP48CMB02 Datasheet HTML 7Page - Microchip Technology MCP48CMB02 Datasheet HTML 8Page - Microchip Technology MCP48CMB02 Datasheet HTML 9Page - Microchip Technology MCP48CMB02 Datasheet HTML 10Page - Microchip Technology MCP48CMB02 Datasheet HTML 11Page - Microchip Technology MCP48CMB02 Datasheet HTML 12Page - Microchip Technology MCP48CMB02 Datasheet HTML 13Page - Microchip Technology MCP48CMB02 Datasheet HTML 14Page - Microchip Technology MCP48CMB02 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 11
MCP48CXBXX
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V,
RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD =5.5V, TA =+25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
-3 dB Bandwidth
(see B.16 “-3 dB
Bandwidth”)
BW
—
60
—
kHz
VREF = 3.0V+/-2V,
VRxB:VRxA = ‘10’, Gx = ‘0’
—35
—
kHz
VREF = 3.5V+/-1.5V,
VRxB:VRxA = ‘10’, Gx = ‘1’
Output Amplifier (Op Amp)
Phase Margin(1)
PM
—
58
—
°C
RL = 
Slew Rate
SR
—
0.15
—
V/µs
RL =2 k
Load Regulation
—
—
130
—
µV/mA 1 mA < I < 6 mA
VDD =5.5V,
DAC code =
Midscale
—
320
—
µV/mA -6 mA < I < -1 mA
Short-Circuit Current
ISC_OA
6
10
14
mA
Short to
VSS
DAC code = Full Scale
6
10
14
mA
Short to
VDD
DAC code = Zero Scale
Settling Time(8)
tSETTLING
—16
—
µs
RL = 2 k
Internal Band Gap
Band Gap Voltage
VBG
1.180
1.214
1.260
V
1.8 < VDD <5.5V
Short Circuit Current
ISC_BG
6
10
14
mA
Short to VSS
6
10
14
mA
Short to VDD
Band Gap Voltage
Temperature
Coefficient
VBGTC
—
16
—
ppm/°C 1.8V
 VDD  5.5V
Band Gap mode VREF
pin load regulation
IBG
—30
—
μV/mA 1 mA < I < 6 mA
VDD =5.5V,
DAC code = Mid-
scale
—
390
—
μV/mA -6 mA < I < -1 mA
Note 1
This parameter is ensured by design.
Note 8
Within 1/2 LSb of the final value, when code changes from 1/4 to 3/4 of FSR. (Example: 400h to C00h in a
12-bit device.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com