Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB11 Datasheet(PDF) 58 Page - Microchip Technology

Part # MCP47FVB11
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB11 Datasheet(HTML) 58 Page - Microchip Technology

Back Button MCP47FVB11 Datasheet HTML 54Page - Microchip Technology MCP47FVB11 Datasheet HTML 55Page - Microchip Technology MCP47FVB11 Datasheet HTML 56Page - Microchip Technology MCP47FVB11 Datasheet HTML 57Page - Microchip Technology MCP47FVB11 Datasheet HTML 58Page - Microchip Technology MCP47FVB11 Datasheet HTML 59Page - Microchip Technology MCP47FVB11 Datasheet HTML 60Page - Microchip Technology MCP47FVB11 Datasheet HTML 61Page - Microchip Technology MCP47FVB11 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
MCP48FEBXX
DS20005429B-page 58
 2015 Microchip Technology Inc.
7.1
Write Command
Write commands are used to transfer data to the
desired memory location (from the Host controller). The
Write
command can be issued to both the volatile and
nonvolatile memory locations.
Write commands can be structured as either Single or
Continuous.
The format of the command is shown in Figures 7-3
(Single) and 7-4 (Continuous).
A write command to a volatile memory location
changes that location after a properly formatted write
command has been received.
A write command to a nonvolatile memory location will
start an EEPROM write cycle only after a properly
formatted write command has been received and the
CS pin transitions to the inactive state (VIH).
7.1.1
SINGLE WRITE TO VOLATILE
MEMORY
The write operation requires that the CS pin be in the
active state (VIL). Typically, the CS pin will be in the
inactive state (VIH) and is driven to the active state
(VIL). The 24-bit Write command (Command Byte
and Data Bytes) is then clocked in on the SCK and
SDI pins. Once all 24 bits have been received, the
specified volatile address is updated. A write will not
occur if the Write command isn’t exactly 24 clock
pulses. This protects against system issues corrupting
the nonvolatile memory locations.
Figures 7-5 and 7-6 show the waveforms for a single
write (depending on SPI mode).
7.1.2
SINGLE WRITE TO NONVOLATILE
MEMORY
The sequence to write to a single nonvolatile memory
location is the same as a single write to volatile
memory with the exception that after the CS pin is
driven inactive (VIH), the EEPROM write cycle (tWC) is
started. A write cycle will not start if the Write
command isn’t exactly 24 clock pulses. This protects
against system issues corrupting the nonvolatile
memory locations.
Once a write command to a nonvolatile memory
location has been received, no other SPI commands
should be received before the CS pin transitions to the
inactive state (VIH), or the current SPI command will
have a Command Error (CMDERR) occur.
After the CS pin is driven inactive (VIH), the serial
interface may immediately be re-enabled by driving
the CS pin to the active state (VIL).
During an EEPROM write cycle, access to the volatile
memory is allowed when using the appropriate
command
sequence.
Commands
that
address
nonvolatile memory are ignored until the EEPROM
write cycle (tWC) completes. This allows the Host
Controller to operate on the volatile DAC registers.
Figures 7-5 and 7-6 show the waveforms for a single
write (depending on the SPI mode).
Note 1:
Writes to certain memory locations will be
dependent
on
the
state
of
the
WiperLock™ technology status bits.
2:
During device communication, if the
Device Address/Command combination is
invalid or an unimplemented Device
Address
is
specified,
then
the
MCP48FEBXX will generate a Command
Error state. To reset the SPI state
machine, the CS pin must transition to the
inactive state (VIH).
Note:
The EEWA status bit indicates if an
EEPROM write cycle is active (see
Register 4-4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com