Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB11 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP47FVB11
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB11 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP47FVB11 Datasheet HTML 61Page - Microchip Technology MCP47FVB11 Datasheet HTML 62Page - Microchip Technology MCP47FVB11 Datasheet HTML 63Page - Microchip Technology MCP47FVB11 Datasheet HTML 64Page - Microchip Technology MCP47FVB11 Datasheet HTML 65Page - Microchip Technology MCP47FVB11 Datasheet HTML 66Page - Microchip Technology MCP47FVB11 Datasheet HTML 67Page - Microchip Technology MCP47FVB11 Datasheet HTML 68Page - Microchip Technology MCP47FVB11 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 65
MCP48FEBXX
7.3
Commands to Modify the Device
Configuration Bits
The MCP48FEBXX devices support two commands
which are used to program the device’s configuration
bits. These commands require a high voltage (VIHH) on
the HVC pin. These commands are:
• Enable Configuration Bit
• Disable Configuration Bit
The configuration bits are used to inhibit the DAC
values from inadvertent modification. High voltage is
required to change the state of these bits if/when the
DAC values need to be modified.
7.4
Enable Configuration Bit
(High Voltage)
Figure 7-11 (Enable) shows the formats for a single
Enable
Configuration
Bit
command. The
command will only start the EEPROM write cycle (tWC)
after a properly formatted command has been
received.
During an EEPROM write cycle, only serial commands
to volatile memory are accepted. All other serial
commands are ignored until the EEPROM write cycle
(tWC) completes. This allows the Host Controller to
operate on the volatile DAC, the volatile VREF,
Power-Down, Gain and Status, and WiperLock
Technology Status registers. The EEWA bit in the
Status register indicates the status of the EEPROM
write cycle.
7.4.1
HIGH-VOLTAGE COMMAND (HVC)
SIGNAL
The High-Voltage Command (HVC) signal is used to
indicate that the command, or sequence of commands,
are in the High-Voltage mode. Signals higher than VIHH
(~9.0V) on the LAT/HVC pin puts the device into
High-Voltage mode. High-Voltage commands allow the
device’s WiperLock technology and write-protect
features to be enabled and disabled.
FIGURE 7-11:
Enable Command Sequence.
Note 1:
There is a required delay after the
HVC pin is driven to the VIHH level on the
1st edge of the SCK pin.
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
10
C
M
D
E
R
R
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
10
C
M
D
E
R
R
1111111111111111 Valid
1111111
0
0
0
0
0
0
0
0
Invalid (1, 2)
SDI
SDO
Note 1:
If an Error condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR
condition is cleared (the CS pin is forced to the inactive state).
2:
This CMDERR bit will be forced to ‘0’, regardless if this Address+Command combination is valid.
This command will not be completed and requires the CS pin to return to VIH to clear the
CMDERR condition.
Address
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com