Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB11 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP47FVB11
Description  8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB11 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP47FVB11 Datasheet HTML 63Page - Microchip Technology MCP47FVB11 Datasheet HTML 64Page - Microchip Technology MCP47FVB11 Datasheet HTML 65Page - Microchip Technology MCP47FVB11 Datasheet HTML 66Page - Microchip Technology MCP47FVB11 Datasheet HTML 67Page - Microchip Technology MCP47FVB11 Datasheet HTML 68Page - Microchip Technology MCP47FVB11 Datasheet HTML 69Page - Microchip Technology MCP47FVB11 Datasheet HTML 70Page - Microchip Technology MCP47FVB11 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005429B-page 67
MCP48FEBXX
7.5
Disable Configuration Bit
(High Voltage)
Figure 7-14 (Disable) shows the formats for a single
Disable
Configuration
Bit
command. The
command will only start an EEPROM write cycle (tWC)
after a properly formatted command has been
received.
During an EEPROM write cycle, only serial commands
to volatile memory are accepted. All other serial
commands are ignored until the EEPROM write cycle
(tWC) completes. This allows the Host Controller to
operate on the volatile DAC, the volatile VREF,
Power-Down, Gain and Status, and WiperLock
Technology Status registers. The EEWA bit in the
Status register indicates the status of an EEPROM
write cycle.
7.5.1
HIGH-VOLTAGE COMMAND (HVC)
SIGNAL
The High-Voltage Command (HVC) signal is used to
indicate that the command, or sequence of commands,
are in the High-Voltage mode. Signals higher than VIHH
(~9.0V) on the HVC pin puts the MCP48FEBXX
devices into High-Voltage mode. High Voltage
commands allow the device’s WiperLock technology
and write protect features to be enabled and disabled.
FIGURE 7-14:
Disable Command Sequence.
Note 1:
There is a required delay after the HVC
pin is driven to the VIHH level to the 1st
edge of the SCK pin.
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
01
C
M
D
E
R
R
A
D
4
A
D
3
A
D
2
A
D
1
A
D
0
01
C
M
D
E
R
R
1111111111111111 Valid
1111111
0
0
0
0
0
0
0
0
Invalid (1, 2)
Address
SDI
SDO
Command
Note 1:
If an Error condition occurs (CMDERR = L), all following SDO bits will be low until the CMDERR
condition is cleared (the CS pin is forced to the inactive state).
2:
This CMDERR bit will be forced to ‘0’, regardless if this Address+Command combination is valid.
This command will not be completed and requires the CS pin to return to VIH to clear the
CMDERR condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com