Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP450 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP450
Description  2 Channel Linear Controller with Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP450 Datasheet(HTML) 4 Page - Anachip Corp

  AP450 Datasheet HTML 1Page - Anachip Corp AP450 Datasheet HTML 2Page - Anachip Corp AP450 Datasheet HTML 3Page - Anachip Corp AP450 Datasheet HTML 4Page - Anachip Corp AP450 Datasheet HTML 5Page - Anachip Corp AP450 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP450
2 Channel Linear Controller with Enable Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Sep 7, 2004
4/6
Typical Characteristics
REFERENCE OUTPUT VOLTAGE
v.s.
POWER-SUPPLY VOLTAGE
0.795
0.7975
0.8
0.8025
0.805
4
6
8
1012
1416
18
20
Vcc-Power Supply Voltage (V)
AVERAGE SUPPLY CURRENT
v.s.
POWER-SUPPLY VOLTAGE
0
1
2
3
4
5
0
4
8
12
16
20
Vcc - Power-Supply Voltgae (V)
AVERAGE SUPPLY CURRENT
v.s.
AMBIENT TEMPERATRUE
2
3
4
5
6
7
-50
-25
0
25
50
75
100
TA - Ambient Temperatrure(℃)
Marking Information
(Top View)
SOP-8L/PDIP-8L
AP450 X
YY WW X
Logo
Part No.
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
5
8
4
1
Bandgap version
A: 1.25V
BG
B: 0.8V
BG



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com