Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP450 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP450
Description  2 Channel Linear Controller with Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP450 Datasheet(HTML) 3 Page - Anachip Corp

  AP450 Datasheet HTML 1Page - Anachip Corp AP450 Datasheet HTML 2Page - Anachip Corp AP450 Datasheet HTML 3Page - Anachip Corp AP450 Datasheet HTML 4Page - Anachip Corp AP450 Datasheet HTML 5Page - Anachip Corp AP450 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP450
2 Channel Linear Controller with Enable Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Sep 7, 2004
3/6
Electrical Characteristics (T
A=25ºC, VCC=6V)
Reference (REF)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AP450A
1.225
1.25
1.275
VO1 / VO2 connect to FB1 / FB2
AP450B
0.784 0.800 0.816
V
TA = -20ºC ~ 25ºC
-
-0.1
±1
%
VOUT1/2
Output voltage change with
temperature
TA = 25ºC ~ 85ºC
-
-0.2
±1
%
Under voltage lockout (UVLO)
VUT
Upper threshold voltage (VCC)
-
2.9
-
V
VLWT
Lower threshold voltage (VCC)
-
2.4
-
V
VHT
Hysteresis (VCC)
IO(REF) = 0.1mA
TA = 25ºC
-
500
-
mV
Output section
ICL1
CH1 Current Limit
VCC=5V, VNOUT2=VFB2=0V
25
-
-
mA
ICL2
CH2 Current Limit
VCC=5V, VNOUT3=VFB3=0V
25
-
-
mA
Enable function
VIL
Low (regulator ON)
-
0.6
V
VIH
EN pin logic input threshold
voltage for EN1/2
High (regulator OFF)
2.0
1.3
-
V
IIL
Low (regulator ON)
-
-0.03
-
µA
IIH
EN pin logic input current for
EN1/2
High (regulator OFF)
-
0.3
-
µA
Total device
ICCA
Average supply current
-
5
7
mA
Thermal Resistor
SOP8
-
90
-
OC/W
θJA
Thermal Resistor
Junction to Ambient
PDIP8
-
60
-
OC/W
Typical Application Circuit
1
2
3
4
GND
Vcc
8
7
6
5
EN1/2
FB1
FB2
OUT1
OUT2
V
REF
Vcc=12V
OFF ON
VOUT3=1.8V
270Ω
220µF
3.3V
3.3V
220Ω
390Ω
180Ω
VOUT2=2.5V
0.1µF
220µF
220µF
AP450B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com