Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP450 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP450
Description  2 Channel Linear Controller with Enable Function
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP450 Datasheet(HTML) 2 Page - Anachip Corp

  AP450 Datasheet HTML 1Page - Anachip Corp AP450 Datasheet HTML 2Page - Anachip Corp AP450 Datasheet HTML 3Page - Anachip Corp AP450 Datasheet HTML 4Page - Anachip Corp AP450 Datasheet HTML 5Page - Anachip Corp AP450 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP450
2 Channel Linear Controller with Enable Function
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Sep 7, 2004
2/6
Block Diagram
Bandgap
Reference
Amp
+
_
Current
Limit
Buffer
LPF
Amp
+
_
Buffer
LPF
EN1/2
FB2
FB1
GND
OUT1
OUT2
Current
Limit
UVLO
Vcc
1.25V/0.8V
2.5V
V
REF
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
22
V
VI
Amplifier input voltage
20
V
VO1 / VO2
CH1 / CH1Linear driver voltage to ground
-0.3≦V≦20
V
TOP
Operating temperature range
-20 to +85
oC
TST
Storage temperature range
-65 to +150
oC
TLEAD
Lead temperature 1.6 mm(1/16 inch) from case for 10 seconds
260
oC
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3.6
20
V
VI
Amplifier input voltage
1.05
1.45
V
VO1 / VO2
CH1 / CH2 Linear driver voltage to ground
-
Vcc-1.5
V
IFB
Current into feedback terminal
-
45
µA
RF
Feedback resistor
100
-
kΩ
TOP
Operating free-air temperature
-20
85
ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com