Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-B Datasheet(PDF) 19 Page - STMicroelectronics

Part # NAND01G-B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button NAND01G-B Datasheet HTML 15Page - STMicroelectronics NAND01G-B Datasheet HTML 16Page - STMicroelectronics NAND01G-B Datasheet HTML 17Page - STMicroelectronics NAND01G-B Datasheet HTML 18Page - STMicroelectronics NAND01G-B Datasheet HTML 19Page - STMicroelectronics NAND01G-B Datasheet HTML 20Page - STMicroelectronics NAND01G-B Datasheet HTML 21Page - STMicroelectronics NAND01G-B Datasheet HTML 22Page - STMicroelectronics NAND01G-B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
NAND01G-B, NAND02G-B
Bus operations
19/64
3.12
VSS Ground
Ground, VSS, is the reference for the power supply. It must be connected to the system
ground.
4
Bus operations
There are six standard bus operations that control the memory. Each of these is described
in this section, see Table 5: Bus Operations, for a summary.
Typically, glitches of less than 5 ns on Chip Enable, Write Enable and Read Enable are
ignored by the memory and do not affect bus operations.
4.1
Command Input
Command Input bus operations are used to give commands to the memory. Commands are
accepted when Chip Enable is Low, Command Latch Enable is High, Address Latch Enable
is Low and Read Enable is High. They are latched on the rising edge of the Write Enable
signal.
Only I/O0 to I/O7 are used to input commands.
See Figure 23 and Table 24 for details of the timings requirements.
4.2
Address Input
Address Input bus operations are used to input the memory addresses. Four bus cycles are
required to input the addresses for 1Gb devices whereas five bus cycles are required for the
2Gb device (refer to Table 6 and Table 7, Address Insertion).
The addresses are accepted when Chip Enable is Low, Address Latch Enable is High,
Command Latch Enable is Low and Read Enable is High. They are latched on the rising
edge of the Write Enable signal. Only I/O0 to I/O7 are used to input addresses.
See Figure 24 and Table 24 for details of the timings requirements.
4.3
Data Input
Data Input bus operations are used to input the data to be programmed.
Data is accepted only when Chip Enable is Low, Address Latch Enable is Low, Command
Latch Enable is Low and Read Enable is High. The data is latched on the rising edge of the
Write Enable signal. The data is input sequentially using the Write Enable signal.
See Figure 25 and Table 24 and Table 25 for details of the timings requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com