Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-B Datasheet(PDF) 42 Page - STMicroelectronics

Part # NAND01G-B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button NAND01G-B Datasheet HTML 38Page - STMicroelectronics NAND01G-B Datasheet HTML 39Page - STMicroelectronics NAND01G-B Datasheet HTML 40Page - STMicroelectronics NAND01G-B Datasheet HTML 41Page - STMicroelectronics NAND01G-B Datasheet HTML 42Page - STMicroelectronics NAND01G-B Datasheet HTML 43Page - STMicroelectronics NAND01G-B Datasheet HTML 44Page - STMicroelectronics NAND01G-B Datasheet HTML 45Page - STMicroelectronics NAND01G-B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Software algorithms
NAND01G-B, NAND02G-B
42/64
8.3
Garbage Collection
When a data page needs to be modified, it is faster to write to the first available page, and
the previous page is marked as invalid. After several updates it is necessary to remove
invalid pages to free some memory space.
To free this memory space and allow further program operations it is recommended to
implement a Garbage Collection algorithm. In a Garbage Collection software the valid
pages are copied into a free area and the block containing the invalid pages is erased (see
Figure 20).
8.4
Wear-leveling algorithm
For write-intensive applications, it is recommended to implement a Wear-leveling Algorithm
to monitor and spread the number of write cycles per block.
In memories that do not use a Wear-Leveling Algorithm not all blocks get used at the same
rate. Blocks with long-lived data do not endure as many write cycles as the blocks with
frequently-changed data.
The Wear-leveling Algorithm ensures that equal use is made of all the available write cycles
for each block. There are two wear-leveling levels:
●
First Level Wear-leveling, new data is programmed to the free blocks that have had the
fewest write cycles
●
Second Level Wear-leveling, long-lived data is copied to another block so that the
original block can be used for more frequently-changed data.
The Second Level Wear-leveling is triggered when the difference between the maximum
and the minimum number of write cycles per block reaches a specific threshold.
8.5
Error Correction Code
An Error Correction Code (ECC) can be implemented in the NAND Flash memories to
identify and correct errors in the data.
For every 2048 bits in the device it is recommended to implement 22 bits of ECC (16 bits for
line parity plus 6 bits for column parity).
An ECC model is available in VHDL or Verilog. Contact the nearest ST Microelectronics
sales office for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com