Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND01G-B Datasheet(PDF) 33 Page - STMicroelectronics

Part # NAND01G-B
Description  1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND01G-B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button NAND01G-B Datasheet HTML 29Page - STMicroelectronics NAND01G-B Datasheet HTML 30Page - STMicroelectronics NAND01G-B Datasheet HTML 31Page - STMicroelectronics NAND01G-B Datasheet HTML 32Page - STMicroelectronics NAND01G-B Datasheet HTML 33Page - STMicroelectronics NAND01G-B Datasheet HTML 34Page - STMicroelectronics NAND01G-B Datasheet HTML 35Page - STMicroelectronics NAND01G-B Datasheet HTML 36Page - STMicroelectronics NAND01G-B Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
NAND01G-B, NAND02G-B
Device operations
33/64
6.8
Read Status Register
The device contains a Status Register which provides information on the current or previous
Program or Erase operation. The various bits in the Status Register convey information and
errors on the operation.
The Status Register is read by issuing the Read Status Register command. The Status
Register information is present on the output data bus (I/O0-I/O7) on the falling edge of Chip
Enable or Read Enable, whichever occurs last. When several memories are connected in a
system, the use of Chip Enable and Read Enable signals allows the system to poll each
device separately, even when the Ready/Busy pins are common-wired. It is not necessary to
toggle the Chip Enable or Read Enable signals to update the contents of the Status
Register.
After the Read Status Register command has been issued, the device remains in Read
Status Register mode until another command is issued. Therefore if a Read Status Register
command is issued during a Random Read cycle a new Read command must be issued to
continue with a Page Read operation.
The Status Register bits are summarized in Table 13: Status Register Bits,. Refer to
Table 13 in conjunction with the following text descriptions.
6.8.1
Write Protection Bit (SR7)
The Write Protection bit can be used to identify if the device is protected or not. If the Write
Protection bit is set to ‘1’ the device is not protected and program or erase operations are
allowed. If the Write Protection bit is set to ‘0’ the device is protected and program or erase
operations are not allowed.
6.8.2
P/E/R Controller and Cache Ready/Busy Bit (SR6)
Status Register bit SR6 has two different functions depending on the current operation.
During Cache Program operations SR6 acts as a Cache Program Ready/Busy bit, which
indicates whether the Cache Register is ready to accept new data. When SR6 is set to '0',
the Cache Register is busy and when SR6 is set to '1', the Cache Register is ready to
accept new data.
During all other operations SR6 acts as a P/E/R Controller bit, which indicates whether the
P/E/R Controller is active or inactive. When the P/E/R Controller bit is set to ‘0’, the P/E/R
Controller is active (device is busy); when the bit is set to ‘1’, the P/E/R Controller is inactive
(device is ready).
6.8.3
P/E/R Controller Bit (SR5)
The Program/Erase/Read Controller bit indicates whether the P/E/R Controller is active or
inactive. When the P/E/R Controller bit is set to ‘0’, the P/E/R Controller is active (device is
busy); when the bit is set to ‘1’, the P/E/R Controller is inactive (device is ready).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com