Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FST
Description  Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FST Datasheet(HTML) 1 Page - Vishay Siliconix

  FST Datasheet HTML 1Page - Vishay Siliconix FST Datasheet HTML 2Page - Vishay Siliconix FST Datasheet HTML 3Page - Vishay Siliconix FST Datasheet HTML 4Page - Vishay Siliconix FST Datasheet HTML 5Page - Vishay Siliconix FST Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FST
www.vishay.com
Vishay Huntington
Revision: 25-Sep-2020
1
Document Number: 31840
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial Power,
Silicone Coated, Fixed Tubular
FEATURES
• High temperature silicone coating
• Complete welded construction
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Tight tolerance of 5 % for values above 1
• Excellent stability in operation (< 3 % change
resistance)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FST005
FST-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FST005...NI
FST-5-...-NI
5
1.0 to 750
1.0 to 750
4.60
FST010
FST-10
12
1.0 to 58K
0.1 to 58K
6.7
FST010...NI
FST-10-...-NI
12
1.0 to 3.9K
1.0 to 3.9K
6.7
FST20A
HL-15
15
1.0 to 60K
0.10 to 60K
8.64
FST020
FST-20
20
1.0 to 95K
0.1 to 95K
12.57
FST020...NI
FST-20-...-NI
20
1.0 to 6.8K
1.0 to 6.8K
12.57
FST025
FST-25
25
1.0 to 115K
0.1 to 115K
20.7
FST025...NI
FST-25-...-NI
25
1.0 to 8.8K
1.0 to 8.8K
20.7
FST25A
FST-25A
30
1.0 to 56K
0.1 to 56K
20.7
FST25A...NI
FST-25A-...-NI
30
1.0 to 7.25K
1.0 to 7.25K
20.7
FST25B
FST-25B
30
1.0 to 49K
0.1 to 49K
14.5
FST25B...NI
FST-25B-...-NI
30
1.0 to 6.8K
1.0 to 6.8K
14.5
FST050
FST-50
50
1.0 to 112K
0.1 to 112K
42.1
FST050...NI
FST-50-...-NI
50
1.0 to 21.5K
1.0 to 21.5K
42.1
FST50A
FST-50A
60
1.0 to 145K
0.1 to 145K
65.6
FST50A...NI
FST-50A-...-NI
60
1.0 to 27.2K
1.0 to 27.2K
65.6
FST50B
FST-50B
70
1.0 to 170K
0.1 to 170K
60.0
FST50B...NI
FST-50B-...-NI
70
1.0 to 31.4K
1.0 to 31.4K
60.0
FST075
FST-75
75
1.0 to 276K
0.1 to 276K
98.5
FST075...NI
FST-75-...-NI
75
1.0 to 35K
1.0 to 35K
98.5
FST75A
FST-75A
90
1.0 to 238K
0.1 to 238K
64.8
FST75A...NI
FST-75A-...-NI
90
1.0 to 31K
1.0 to 31K
64.8
FST080
HL-80
80
1.0 to 190K
0.10 to 190K
121.58
FST100
FST-100
100
1.0 to 260K
0.1 to 260K
91.4
FST100...NI
FST-100-...-NI
100
1.0 to 48.5K
1.0 to 48.5K
91.4
FST130
FST-130
130
1.0 to 380K
0.1 to 380K
192.4
FST130...NI
FST-130-...-NI
130
1.0 to 70.2K
1.0 to 70.2K
192.4
FST160
FST-160
175
1.0 to 470K
0.1 to 470K
250.8
FST160...NI
FST-160-...-NI
175
1.0 to 105K
1.0 to 105K
250.8
FST175
HL-175
175
1.0 to 500K
0.10 to 500K
250.8
FST200
FST-200
225
1.0 to 645K
0.1 to 645K
310.0
FST200...NI
FST-200-...-NI
225
1.0 to 121K
1.0 to 121K
310.0
FST225
FST-225
225
1.0 to 645K
0.1 to 645K
310.0
FST225...NI
FST-225-...-NI
225
1.0 to 121K
1.0 to 121K
310.0


Similar Part No. - FST

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST SCHURTER-FST Datasheet
75Kb / 2P
Miniature Fuses Type FST 6,332 time-lag T
logo
Ohmite Mfg. Co.
FST OHMITE-FST Datasheet
246Kb / 1P
Thin Film Temperature Sensor
logo
Gamewell-FCI by Honeywe...
FST-10 GAMEWELL-FCI-FST-10 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
FST-2 GAMEWELL-FCI-FST-2 Datasheet
53Kb / 2P
Duct Housing, 4-wire, less detector head
logo
TE Connectivity Ltd
FST-21A-10 TEC-FST-21A-10 Datasheet
471Kb / 4P
FLEXSTRIP PIN CONFIGURATIONS, GENERIC
22MAR11
More results

Similar Description - FST

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FSOT VISHAY-FSOT Datasheet
128Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Standard Oval
22-Jul-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com