Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS32AP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD26LS32AP
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32AP Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD26LS32AP Datasheet HTML 1Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 2Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 3Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 4Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 5Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 6Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 7Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD26LS32A
Rev.2.00, Jul.16.2004, page 6 of 7
3. t
LZ, tZL
Test circuit
Input
–2.5 V
2 V
CL
Output
Ω
2 k
VCC
Ω
5 k
S2
Pulse
Generator
Waveforms
Enable
1.3 V
1.3 V
1.3 V
1.3 V
tZL
OH
VOL
V
1.3 V
3 V
0 V
3 V
0 V
tLZ
0.5 V
Output
Enable G
S2 : Open
S2 : Closed
1.4 V
Notes:
1. The pulse generator has the following characteristics:
PRR = 1 MHz, 50% duty cycle, t
r≤ 6 ns, t f≤ 6 ns, Zout = 50 Ω.
2. C
L includes probe and jig capacitance.
3. All diodes are 1S2074(H).
4. To test G input, ground G input and apply an inverted input waveform.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com