Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS32AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD26LS32AP
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD26LS32AP Datasheet HTML 1Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 2Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 3Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 4Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 5Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 6Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 7Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Jul.16.2004, page 1 of 7
HD26LS32A
Quadruple Differential Line Receivers With 3 State Outputs
REJ03D0296–0200Z
(Previous ADE-205-578 (Z))
Rev.2.00
Jul.16.2004
Description
The HD26LS32A features quadruple line receivers designed to meet the specs of EIA standard RS-422A and RS-423.
This device operates from a single 5 V power supply. The enable function is common to all four receivers and offers a
choice of active high or active low input. Fail safe design ensures that if the inputs are open, the outputs will always be
high.
Features
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD26LS32AP
DILP-16 pin (JEITA) DP-16E, -16FV
P
—
Logic Diagram
1A
Enable G
Enable G
1Y
2Y
3Y
4Y
1B
2A
2B
3A
3B
4A
4B


Similar Part No. - HD26LS32AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
Quadruple Differential Line Receivers With 3 State Outputs
More results

Similar Description - HD26LS32AP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD75173 RENESAS-HD75173 Datasheet
131Kb / 8P
Quadruple Differential Line Receivers With 3 State Outputs
Rev.2.00, Jul.16.2004,
HD75173 RENESAS-HD75173 Datasheet
131Kb / 8P
Quadruple Differential Line Receivers With 3 State Outputs
Rev.2.00 Jul.16.2004
logo
Hitachi Semiconductor
HD26C32A HITACHI-HD26C32A Datasheet
97Kb / 14P
Quadruple Differential Line Receivers With 3 State Outputs
logo
List of Unclassifed Man...
HD75153 ETC-HD75153 Datasheet
35Kb / 6P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Hitachi Semiconductor
HD293486 HITACHI-HD293486 Datasheet
29Kb / 6P
Quadruple Dfferential Line Receivers With 3 State Outputs
HD26LS32A HITACHI-HD26LS32A Datasheet
42Kb / 5P
Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 HITACHI-HD26LS32 Datasheet
88Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
HD26LS31 HITACHI-HD26LS31 Datasheet
81Kb / 15P
Quadruple Differential Line Drivers With 3 State Outputs
logo
Renesas Technology Corp
HD29413 RENESAS-HD29413 Datasheet
139Kb / 8P
Quadruple Differential Line Receivers With 3 State Outputs
HD26LS32 RENESAS-HD26LS32 Datasheet
202Kb / 15P
Quadruple Differential Line Receivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com