Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD26LS32AP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD26LS32AP
Description  Quadruple Differential Line Receivers With 3 State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD26LS32AP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD26LS32AP Datasheet HTML 1Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 2Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 3Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 4Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 5Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 6Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 7Page - Renesas Technology Corp HD26LS32AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD26LS32A
Rev.2.00, Jul.16.2004, page 3 of 7
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
V
CC
4.75
5.00
5.25
V
In Phase Input Voltage
V
IC
——
±7.0
V
Output Current
I
OH
—
—
–440
µA
I
OL
——
8
mA
Operating Temperature
Topr
0
—
70
°C
Electrical Characteristics
(Ta = 0 to +70°C)
Item
Symbol
Min Typ*
1
Max
Unit
Conditions
Differential Input High
Threshold Voltage
V
TH
——
0.2
V
V
IC = –7 to +7 V
V
OH = 2.7V, IOH = –440 µA
Differential Input Low
V
TL
—
—
–0.2
V
OL = 0.4 V, IOL = 4 mA
Threshold Voltage
—
—
–0.2
V
OL = 0.45 V, IOL = 8 mA
Input Hysteresis*2
V
TH – VTL
—50
—
mV
Enable Input Voltage
V
IH
2.0
—
—
V
V
IL
——
0.8
Enable Input Clamp
Voltage
V
IK
—
—
–1.5
V
CC = 4.75 V, IIN = –18 mA
Output Voltage
V
OH
2.7
—
—
V
CC = 4.75 V
V
ID = 1 V, IOH = –440 µA
V
OL
——
0.4
V
IL (G) = 0.8 V
V
ID = –1 V, IOL = 4 mA
—
—
0.45
V
ID = –1 V, IOL = 8 mA
Off State (High
I
OZ
——
20
µA
V
CC = 5.25 V
V
O = 2.4 V
Impedance) Output
Current
—
—
–20
V
O = 0.4 V
Line Input Current
II
—
—
—
—
1.2
–1.7
mA
V
I = 15 V, Other Inputs –10 to +15 V
V
I = –15 V, Other Inputs –15 to +10 V
Enable Input Current
I
I (EN)
—
—
100
µA
V
I = 5.5 V
I
IH
——
20
V
I = 2.7 V
I
IL
—
—
–0.36 mA
V
I = 0.4 V
Input Resistance
ri
12
15
—
k
Ω
V
IC = –15 to +15 V (Other Inputs AC GND)
Short Circuit Output
Current
I
OS*
3
–15
—
–85
mA
V
CC = 5.25 V
Supply Current
I
CC
—52
70
V
CC = 5.25 V, VI = 0 V (All Outputs Disable)
Notes: 1. All typical values are at V
CC = 5 V, Ta = 25°C,VIC = 0.
2. Hysteresis is the differential between the positive going input threshold voltage and the negative going input
threshold voltage.
3. Not more than one output should be shorted at a time.
Switching Characteristics
(V
CC = 5 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Conditions
Propagation Delay Time
t
PLH
—20
35
ns
C
L = 15 pF
t
PHL
—22
35
Output Enable Time
t
ZH
—17
22
ns
C
L = 15 pF
t
ZL
—20
25
Output Disable Time
t
HZ
—21
30
ns
C
L = 5 pF
t
LZ
—30
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com