Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGS8 Datasheet(PDF) 7 Page - Pepperl+Fuchs Inc.

Part # LGS8
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS8 Datasheet(HTML) 7 Page - Pepperl+Fuchs Inc.

  LGS8 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LGS8
7
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Light grid
Table 1:
Switch-on delay, maximum switching frequency and maximum time delay before availability:
Number of beams, housing length and weight:
Technical Features
Field height
[mm]
Switch-on delay Q [ms]
without object parameterization
Switch-on delay Q [ms]
with object parameterization, HQn
outputs
Max. switching
frequency
[Hz]
Max. time delay before
availability tv
[s]
typ.
max.
typ.
max.
100
3
5
5
7
118
0.9
200
3
5
6
9
101
1.0
300
3
6
7
10
88
1.2
400
4
7
7
12
78
1.3
500
4
8
8
13
70
1.5
600
5
8
9
15
63
1.6
700
5
9
10
16
58
1.8
800
5
10
10
18
53
1.9
900
6
11
11
19
49
2.0
1000
6
11
12
21
46
2.2
1100
6
12
13
22
43
2.3
1200
7
13
13
24
41
2.5
1300
7
14
14
25
38
2.6
1400
8
14
15
27
36
2.8
1500
8
15
16
28
35
2.9
1600
8
16
16
30
33
3.0
1700
9
17
17
31
31
3.2
1800
9
17
18
33
30
3.3
1900
9
18
19
34
29
3.5
2000
10
19
19
36
28
3.6
2100
10
20
20
37
27
3.8
Field height
[mm]
Number of beams
Overall length of the transmitter/receiver unit
[mm]
Weight of the transmitter/receiver unit
[g]
100
13
260
200
200
25
360
250
300
37
460
300
400
49
560
350
500
61
660
400
600
73
760
450
700
85
860
500
800
97
960
550
900
109
1060
600
1000
121
1160
650
1100
133
1260
700
1200
145
1360
750
1300
157
1460
800



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com