Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGS8 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # LGS8
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS8 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  LGS8 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technical Data
Function indicator
Emitter: Yellow LED, illuminates at high emitting power, off at low emitting power
Receiver: Yellow LED: illuminates when an object is detected flashes when falling
short of the stability control (4 Hz)
Error message: Yellow LED flashes (8 Hz) in emitter and receiver
Control elements
Receiver: 2 touch buttons for programming
Parameterization indicator
IO link communication: green LED goes out briefly (1 Hz)
Electrical specifications
Operating voltage
UB
18 ... 30 V DC
Ripple
10 %
No-load supply current
I0
Emitter ≤: 50 mA
Receiver: ≤ 150 mA (without outputs)
Time delay before availability
tv
see Table 1, max. 3.8 s
Interface
Interface type
IO-Link
Protocol
IO-Link V1.0
Mode
COM 2 (38.4 kBaud)
Input
Test input
Emitter switch-off with +UB or 0 V at pin 4 (emitter)
Function input
Range input activation from 1.6 m (or 2 m in case of option /35) with +UB or 0 V on pin
2 (emitter)
Teach-In input for programming on pin 8 (receiver)
Output
Pre-fault indication output
Stability Control (SC) 1 PNP, short-circuit protected, reverse polarity protected on pin 2
(receiver)
Switching type
Factory setting: dark on , Switchable to light-on mode
Signal output
Switch output (detection field C/Q) 1 push-pull (4 in 1) output, short-circuit protected,
reverse polarity protected on pin 4 (receiver),
Height monitoring (H1, H2. H3) 3 push-pull (4 in 1) outputs, short-circuit proof, reverse
polarity protected on pin 5, pin 6, pin 7 (receiver)
Switching threshold
Factory setting: The signal tracking for the threshold value is deactivated, increasing
the optical resolution by a maximum of 4 mm; switchable to active signal tracking
Switching voltage
max. 30 V DC
Switching current
max. 100 mA
Voltage drop
Ud
≤ 2 V DC
Switching frequency
f
see Table 1, max. 118 Hz
Response time
see Table 1, max. 20 ms
Timer function
Off-delay programmable from 0 ... 1.25 s in 5 ms steps (adjustment via IO-Link only)
Conformity
Communication interface
IEC 61131-9
Product standard
EN 60947-5-2
Approvals and certificates
Protection class
III ( IEC 61140 )
UL approval
cULus Listed
CCC approval
CCC approval / marking not required for products rated ≤36 V
Ambient conditions
Ambient temperature
Standard : -10 ... 60 °C (14 ... 140 °F)
Option /146: -30 ... 60 °C (-22 ... 140 °F)
Storage temperature
-30 ... 70 °C (-22 ... 158 °F)
Mechanical specifications
Conductor cross section
min. 0.25 mm2
Housing width
20 mm
Housing depth
30.5 mm
Housing length L
see Table 1, max. 2260 mm
Degree of protection
IP67
Connection
Emitter: connecting cable with 4-pin, M12 x 1 connector , 330 mm total length
Receiver: connecting cable with 8-pin, M12 x 1 connector , 350 mm total length
Material
Housing
extruded aluminum section , Silver anodized
Light grid
LGS8
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com