Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGS8 Datasheet(PDF) 8 Page - Pepperl+Fuchs Inc.

Part # LGS8
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS8 Datasheet(HTML) 8 Page - Pepperl+Fuchs Inc.

  LGS8 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS8 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LGS8
8
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Light grid
Safety information
The device must only be operated with Safety Extra Low Voltage (SELV) with safe electrical disconnection. Intervention and
repairs must only be carried out by your suppliers.
The system must be serviced and checked regularly.
A clean, soft cloth can be used for cleaning. Aggressive, abrasive cleaning agents that damage the surface must be avoided. The
device must not be subjected to hard knocks or vibration.
Commissioning
Prerequisites
• The transmitter and receiver must be installed and aligned correctly.
• The electrical connection must be established according to the connection diagram.
• The signal output must respond to object detection.
• If at least one light beam is interrupted, the output remains active as long as the object is detected.
Fault location
• Measure operating voltage
• Check the cabling.
• Check the transmitter and receiver for dirt and clean if necessary.
Function displays
Behind the optics cover on the connection side of the profiles there is a green Power ON operating indicator LED and a yellow
status display LED.
Transmitter
Receiver
Resolution and beam clearance
The mechanical beam clearance determines the smallest detectable object size. Crossing the light beams increases the
resolution of the light grid.
1400
169
1560
850
1500
181
1660
900
1600
193
1760
950
1700
205
1860
1000
1800
217
1960
1050
1900
229
2060
1100
2000
241
2160
1150
2100
253
2260
1200
Design and function
Function
Diagnostic description
Green operating indicator LED lights up statically
Power on
Green operating indicator LED is dark and yellow status indicator
flashes
Power save mode
Yellow status indicator LED is dark
Transmitter with low transmitting power
Yellow status indicator LED lights up statically
Transmitter with high transmitting power
Yellow status indicator LED flashes quickly (approx. 8 Hz)
Error condition
Yellow status indicator LED light changes for short time
Test input is activated
Function
Diagnostic description
Green operating indicator LED lights up statically
Power on
Green operating indicator LED is dark
Power save mode
Green operating indicator LED flashes with brief interruption
IO-Link mode active, parameterisation only possible via IO-Link
Green operating indicator LED flashes (4 Hz)
Error condition: Short circuit at the outputs
Yellow status indicator LED lights up statically
Detection field interrupted
Yellow status indicator LED is dark
Detection field is enabled.
Yellow status indicator LED flashes (approx. 4 Hz)
Insufficient function reserve
Yellow status indicator LED flashes quickly (approx. 8 Hz)
Error condition: Incorrect signal measurement
Field height
[mm]
Number of beams
Overall length of the transmitter/receiver unit
[mm]
Weight of the transmitter/receiver unit
[g]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com