Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HPR
Description  High Pulse Wirewound Resistor, Noise Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPR Datasheet(HTML) 1 Page - Vishay Siliconix

  HPR Datasheet HTML 1Page - Vishay Siliconix HPR Datasheet HTML 2Page - Vishay Siliconix HPR Datasheet HTML 3Page - Vishay Siliconix HPR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HPR
www.vishay.com
Vishay Draloric
Revision: 01-Feb-18
1
Document Number: 21050
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Pulse Wirewound Resistor, Noise Suppressor
FEATURES
• High grade alumina ceramic core
• High
ignition
pulse,
25
kV,
withstanding
resistive winding element
• Non-flammable silicone cement coating
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• EMI / RFI noise suppression in automotive ignition
Note
• Customer specific resistance values are available on request
STANDARD ELECTRICAL SPECIFICATIONS
TYPE
RATED DISSIPATION
P40
RESISTANCE
RANGE
RESISTANCE
TOLERANCE
HPR 1/2
0.50 W
1 k
 to 5 k
± 10 %, ± 20 %
HPR 1
1 W
1 k
 to 5 k
± 10 %, ± 20 %
HPR 2
2 W
1 k
 to 5 k
± 10 %, ± 20 %
TECHNICAL SPECIFICATIONS
DESCRIPTION
HPR 1/2
HPR 1
HPR 2
Imperial size
0411
0519
0522
Typical inductance
22 μH at 1 MHz, 1 V
Basic specifications
IEC 60115-1
Climatic category
-55 ° C / +200 ° C / 56 days
Termination
Stainless steel caps
Lacquer coating
Non-flammable silicone cement
meets IEC 60115-1, 4.26 active flammability test
and IEC 60115-1, 4.35 passive flammability needle flame test
DIMENSIONS - HPR types, mass and relevant physical dimensions
TYPE
Ø DMAX. (mm)
Ø LMAX. (mm)
MASS (mg)
HPR0500
3.9
11.0
360
HPR1000
5.2
18.7
993
HPR2000
4.8
22
1135


Similar Part No. - HPR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
water-proof and dust-proof
logo
M-System Co.,Ltd.
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
FOTEK CONTROLS CO., LTD...
HPR-100AA FOTEK-HPR-100AA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100AA-H FOTEK-HPR-100AA-H Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
HPR-100DA FOTEK-HPR-100DA Datasheet
1Mb / 6P
Single Phase High Power type DC to DC Solid State Module
More results

Similar Description - HPR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NSR VISHAY-NSR Datasheet
104Kb / 5P
Wirewound Resistors, Noise Suppressor
17-Oct-07
logo
IRC - a TT electronics ...
PPW1015R0HLF IRCTT-PPW1015R0HLF Datasheet
611Kb / 3P
Semi-Precision Power Wirewound Resistor for Pulse & Surge Applications
logo
Vishay Siliconix
NSR VISHAY-NSR_09 Datasheet
89Kb / 3P
Wirewound Resistors, Noise Suppressor
08-Jul-09
CMB02070X1002GB200 VISHAY-CMB02070X1002GB200 Datasheet
114Kb / 6P
High Pulse Load MELF Resistor
31-Oct-06
CMA02040X5609GB300 VISHAY-CMA02040X5609GB300 Datasheet
140Kb / 10P
High Pulse Load MELF Resistor
18-Jul-06
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
WS3M22R0J BOURNS-WS3M22R0J Datasheet
493Kb / 3P
High Surge Withstand Wirewound Resistor
logo
Vishay Siliconix
NSRHP VISHAY-NSRHP Datasheet
94Kb / 4P
Wirewound Resistors, Noise Suppressor, High Performance
12-Jan-17
logo
Stackpole Electronics, ...
SP_SERIES SEI-SP_SERIES Datasheet
273Kb / 4P
Fusing Wirewound Resistor
4/30/2021
WWP SEI-WWP Datasheet
355Kb / 5P
Pulse Withstanding Wirewound Resistor
5/24/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com