Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HPR
Description  High Pulse Wirewound Resistor, Noise Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPR Datasheet(HTML) 2 Page - Vishay Siliconix

  HPR Datasheet HTML 1Page - Vishay Siliconix HPR Datasheet HTML 2Page - Vishay Siliconix HPR Datasheet HTML 3Page - Vishay Siliconix HPR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HPR
www.vishay.com
Vishay Draloric
Revision: 01-Feb-18
2
Document Number: 21050
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Notes
• Top surface of the product will be covered by silicone cement lacquer
• There will be no lacquer on the edges and on the side surface of the product
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: HPR0500005001KLX00
MODEL
VARIANT
TCR / MATERIAL
RESISTANCE
TOLERANCE
PACKAGING
HPR0500
HPR1000
HPR2000
0 = neutral
0 = neutral
3 digit value
1 digit multiplier
Multiplier
1 = *101
K = ± 10 %
M = ± 20 %
LX
Product Description: HPR0500 5K 10% LX CD xxxx
HPR0500
5K
10 %
LX
CD xxxx
TYPE
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL CODE
HPR1000
HPR2000
5K = 5 k
K = ± 10 %
M = ± 20 %
PACKAGING
PRODUCT TYPE
CODE
QUANTITY
DESCRIPTION
HPR0500
LX
1000
Loose in box
HPR1000
HPR2000
Ceramic core
Silicone cement coating
Stainless
steel cap
Terminal
welding
traces
D
L
H
P
R
0
5
0
0
0
0
5
0
0
0
0
1
L
X
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com