Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HPR
Description  High Pulse Wirewound Resistor, Noise Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPR Datasheet(HTML) 3 Page - Vishay Siliconix

  HPR Datasheet HTML 1Page - Vishay Siliconix HPR Datasheet HTML 2Page - Vishay Siliconix HPR Datasheet HTML 3Page - Vishay Siliconix HPR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HPR
www.vishay.com
Vishay Draloric
Revision: 01-Feb-18
3
Document Number: 21050
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DESCRIPTION
Stainless steel caps (terminations) are firmly pressed onto a
high grade alumina ceramic core. The resistor element is a
resistive wire, which is wound on this ceramic core. Resistor
is coated with silicone cement protective coating designed
for electrical, mechanical and climatic protection.
MATERIALS
Vishay acknowledges the following systems for the
regulation of hazardous substances:
• IEC 62474, Material Declaration for Products of and for the
Electrotechnical Industry, with the list of declarable
substances given therein (1)
• The
Global
Automotive
Declarable
Substance
List
(GADSL) (2)
• The REACH regulation (1907/2006/EC) and the related list
of substances with very high concern (SVHC) (3) for its
supply chain
The products do not contain any of the banned substances
as per IEC 62474, GADSL, or the SVHC list, see
www.vishay.com/how/leadfree.
Hence the products fully comply with the following
directives:
• 2000/53/EC End-of-Life Vehicle Directive (ELV) and
Annex II (ELV II)
• 2011/65/EU
Restriction
of
the
Use
of
Hazardous
Substances
Directive
(RoHS)
with
amendment
2015/863/EU
• 2012/19/EU Waste Electrical and Electronic Equipment
Directive (WEEE)
Vishay pursues the elimination of conflict minerals from its
supply
chain,
see
the
Conflict
Minerals
Policy
at
www.vishay.com/doc?49037.
ASSEMBLY
The resistor is mounted inside noise suppressor spark plug
cap. Connections are taken mechanically through a spring
and through a screw electrode. The spark plug cap
assembly is molded with epoxy resin or thermoplastic
materials.
Notes
(1) The IEC 62474 list of declarable substances is maintained in a dedicated database, which is available at http://std.iec.ch/iec62474
(2) The Global Automotive Declarable Substance List (GADSL) is maintained by the American Chemistry Council and available at
www.gadsl.org
(3) The SVHC list is maintained by the European Chemical Agency (ECHA) and available at http://echa.europa.eu/candidate-list-table
TEST PROCEDURES AND REQUIREMENTS
IEC 60115-1
CLAUSE
IEC 60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE (
R)
4.13
-
Short time overload
Room temperature;
10 x rated power P40;
10 cycles; 5 s ON and 45 s OFF
± 2 %
4.19
14 (Na)
Rapid change of
temperature
30 min at -55 °C and
30 min at +155 °C;
500 cycles
± 3 %
4.23
-
Climatic sequence:
-
± 2 %
4.23.2
2 (Bb)
dry heat
16 h; 200 °C
4.23.3
30 (Db)
damp heat
(accelerated)
1st cycle
24 h; 55 °C;
90 % to 100 % RH
4.23.4
1 (Ab)
cold
2 h; -40 °C
4.23.5
13 (M)
low air pressure
2 h; 8.5 kPa; 15 °C to 35 °C
4.23.6
30 (Db)
damp heat remaining
cyclic
5 days; 55 °C;
95 % to 100 % RH; 5 cycles
4.24
78 (Cab)
Damp heat
(steady state)
56 days; (40 ± 2) °C;
(93 ± 5) % RH
± 3 %
4.25.1
-
Endurance
(at room temperature)
1000 h;
loaded with 116 % of P40;
1.5 h ON and 0.5 h OFF
± 3 %
4.25.3
-
Endurance
(at 200 °C)
1000 h;
without load
± 5 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com