Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTS05 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FSTS05
Description  Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FSTS05 Datasheet(HTML) 1 Page - Vishay Siliconix

  FSTS05 Datasheet HTML 1Page - Vishay Siliconix FSTS05 Datasheet HTML 2Page - Vishay Siliconix FSTS05 Datasheet HTML 3Page - Vishay Siliconix FSTS05 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSTL, FSTS, FSWL
www.vishay.com
Vishay Huntington
Revision: 02-Sep-16
1
Document Number: 31839
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial Power,
Silicone Coated, Tubular
FEATURES
• High temperature silicone coating
• Complete welded construction
• Excellent for intermittent power and pulsing
application
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Various lead and terminal options
• Excellent stability in operation (< 3 % change
resistance)
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FSTL05
FSTL-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FSTS05
FSTS-5
5
1.0 to 20.5K
0.1 to 20.5K
4.60
FSWL5A
HLW-05
5.25
1.0 to 15K
0.10 to 15K
2.12
FSTL5A
HLW-05
5.25
1.0 to 15K
0.10 to 15K
2.12
FSWL05
FSWL-5
8
1.0 to 20.5K
0.1 to 20.5K
4.60
FSWL08
HLW-06
8
1.0 to 20.5K
0.10 to 20.5K
4.60
FSTL08
HLW-06
8
1.0 to 20.5K
0.10 to 20.5K
4.60
FSWL1A
HLW-10
10
1.0 to 29K
0.10 to 29K
6.24
FSTL10
FSTL-10
12
1.0 to 58K
0.10 to 58K
6.69
FSTS10
FSTS-10
12
1.0 to 58K
0.10 to 58K
6.69
FSWL10
FSWL-10
12
1.0 to 58K
0.10 to 58K
6.69
FSWL12
HLW-12
12
1.0 to 58K
0.10 to 58K
6.69
FSTL12
HLW-12
12
1.0 to 58K
0.10 to 58K
6.69
FSWL15
HLW-15
15
1.0 to 60K
0.10 to 60K
8.82
FSTL15
HLW-15
15
1.0 to 60K
0.10 to 60K
8.82
FSWL2A
HLW-20
20
1.0 to 95K
0.10 to 95K
11.36
FSTL2A
HLW-20
20
1.0 to 95K
0.10 to 95K
11.36
FSTL20
FSTL-20
20
1.0 to 95K
0.10 to 95K
12.57
FSTS20
FSTS-20
20
1.0 to 95K
0.10 to 95K
12.57
FSWL20
FSWL-20
20
1.0 to 95K
0.10 to 95K
12.57
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
FST RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 260 for 20
 and above, ± 400 for 1  to 20 ,
special TC’s available please contact factory
Short Time Overload
-
10 x rated power for 5 s
Dielectric Withstanding Voltage
VAC
1000, from terminal to mounting hardware
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
-55 to +350


Similar Part No. - FSTS05

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSTSABU PANDUIT-FSTSABU Datasheet
176Kb / 1P
ST Fiber Optic Connectors ??Field Polish Termination
More results

Similar Description - FSTS05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AVE VISHAY-AVE Datasheet
176Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Adjustable Edgewound Tubular
03-Jun-16
FSE VISHAY-FSE Datasheet
168Kb / 5P
Wirewound Resistors, Industrial Power, Silicone Coated, Fixed Edgewound Tubular
06-Dec-16
FSOT VISHAY-FSOT Datasheet
128Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Standard Oval
22-Jul-16
FVE VISHAY-FVE Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
03-Jun-16
FVT VISHAY-FVT Datasheet
144Kb / 6P
Wirewound Resistor, Industrial Power, Vitreous Coated, Fixed Tubular
03-Jun-16
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
ASE VISHAY-ASE Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com