Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMH Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MMH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMH Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MMH Datasheet HTML 1Page - M-System Co.,Ltd. MMH Datasheet HTML 2Page - M-System Co.,Ltd. MMH Datasheet HTML 3Page - M-System Co.,Ltd. MMH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: MMH
http://www.m-system.co.jp/
MMH SPECIFICATIONS
ES-8179 Rev.3 Page 3/4
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
6 (.24)
40 (1.57)
20 (.79)
20 (.79)
147 (5.79)
80 (3.15)
8–M4 SCREW
TERMINAL
10 (.39)
4 5 6 7
1 2
3
ALARM LED
ARRESTER MODULE
(model: MEH)
RUN LED
MOUNTING REQUIREMENTS unit: mm (inch)
40 (1.57)
4–M5 SCREWS
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
3
4
5
6
1
2
7
8
3
6
4
7
5
Ry
ALARM
OUTPUT
To PROTECTED
EQUIPMENT
(protect side)
Ry-3
Ry-1
Arrester Module
(model: MEH)
Ry-2
1
2
B
BREAKER
To POWER
SOURCE
(cable side)
Be sure to install a breaker.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com