Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MMH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MMH Datasheet HTML 1Page - M-System Co.,Ltd. MMH Datasheet HTML 2Page - M-System Co.,Ltd. MMH Datasheet HTML 3Page - M-System Co.,Ltd. MMH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: MMH
http://www.m-system.co.jp/
MMH SPECIFICATIONS
ES-8179 Rev.3 Page 2/4
Leakage current
Line to line:
≤ 50 mA at 110 V AC (MMH-1x)
≤ 30 mA at 220 V AC (MMH-2x) including driving
current for the MEH and relay
Line to ground: ≤ 1 mA at 220 V AC
Discharge current capacity: 10000 A (8/ 20 μsec.)
Maximum load current:
10 A (MMH-x10)
30 A (MMH-x30)
Voltage drop: ≤ 1 V (50/60 Hz)
ALARM CONTACT
If a leak current greater than approx. 100 mA is detected
from the surge absorber element inside the MEH, the relay
driver circuit turns on the alarm contact output of the MMH
and the ALARM LED (red). When the alarm contact is output,
unplug the MEH and then plug it back in to check the
ALARM LED status and confirm that the element is failed. If
the ALARM LED remains ON, install a new MEH module.
(Refer to the instruction manual for MMH for replacing
procedure.)
During NORMAL operation, it is possible for the ALARM LED
to remain OFF and the ALARM contact to turn ON
momentarily when experiencing lightning surges. Please
continue use of the unit as this is standard operation.
CONNECTION EXAMPLES
6
4
7
3
G
5
1
2
U
V
B
BREAKER
AC POWER
SOURCE
Be sure to install a breaker.
M-RESTER
PROTECTED
EQUIPMENT
ALARM
*
*Turns on at the alarm condition.
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com