Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MMH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MMH Datasheet HTML 1Page - M-System Co.,Ltd. MMH Datasheet HTML 2Page - M-System Co.,Ltd. MMH Datasheet HTML 3Page - M-System Co.,Ltd. MMH Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: MMH
http://www.m-system.co.jp/
MMH SPECIFICATIONS
ES-8179 Rev.3 Page 1/4
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR POWER SUPPLY USE
(10 – 30 A; replaceable arrester module)
Functions & Features
• Designed specifically for power requirements of medium
capacities (10 or 30 A)
• Separating the arrester module when a leak current is
detected at the module
• Relay contact and front LED turn ON in case of the
arrester module failure
• The plugin type arrester module can be easily replaced
Typical Applications
• Control panels
• Telemetering panels
• PLC panels
• Computer systems
80 (3.15)
250 (9.84)
mm (inch)
147 (5.79)
MODEL: MMH–[1][2]
ORDERING INFORMATION
• Code number: MMH-[1][2]
Specify a code from below for each [1], [2].
(e.g. MMH-130)
[1] OPERATIONAL VOLTAGE
1: 100 V/110 V AC
2: 200 V/220 V AC
[2] LOAD CURRENT
10: 10 A
30: 30 A
RELATED PRODUCTS
• Lightning surge protector for standard signal line use
(model: MMD)
•Arrester module (model: MEH)
GENERAL SPECIFICATIONS
Construction: Wall-mounted, front terminals; terminal cover
provided
Connection: M4 screw terminals (torque 1.6 N·m)
Screw terminal: Nickel-plated brass
Housing material: Steel plate t = 1.6 (black)
Monitor LED (arrester module)
•RUN: Green LED turns on in normal conditions
•ALARM: Red LED turns on in error
Alarm contact: turns ON when the arrester module (model:
MEH) is failed or extracted or when the power supply is
removed.
Rating: 110 V AC @ 1 A (cos ø = 1)
24 V DC @ 1 A (resistive load)
•Maximum switching voltage: 250 V AC or 125 V DC
•Maximum switching power: 110 VA or 24 W
•Minimum load: 12 V DC @ 10 mA
Alarm detecting current: Approx. 100 mA
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 3 kg (6.61 lbs)
PERFORMANCE
Operational voltage range:
90 – 120 V AC (MMH-1x)
180 – 242 V AC (MMH-2x)
50/60 Hz, 10 VA max.
AC discharge voltage (peak voltage)
Line to line:
190 V min. (MMH-1x)
410 V min. (MMH-2x)
Line to ground: 410 V min.
Maximum surge voltage (peak voltage)
Line to line:
350 V max. (MMH-1x)
700 V max. (MMH-2x)
Line to ground: 800 V max.
(Usable for those instruments which can withstand 1000 V
AC between the circuit and housing)
Note: The maximum voltage that could pass through M-
RESTER. Protected equipment must be able to withstand
this voltage for very short time period.
Response time: ≤ 0.01 μsec.


Similar Part No. - MMH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MMH RUBYCON-MMH Datasheet
46Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
Heterostructure Field Effect Transistor (GaAs HFET)
More results

Similar Description - MMH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com