Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC834 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
G52247-0, Rev 4.2
Page 13
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Y16, YN16
P17, P18
Data Output
PECL
Programming Port
ADR0
B8
Program data address
TTL
ADR1
D8
Program data address
TTL
ADR2
C8
Program data address
TTL
ADR3
B7
Program data address
TTL
ADR4
C7
Program data address
TTL
ADR5
D7
Program data address
TTL
D0
V7
Program data
TTL
D1
V8
Program data
TTL
D2
U8
Program data
TTL
D3
W8
Program data
TTL
D4
Y8
Program data
TTL
D5
Y9
Program data
TTL
ALE
A7
Address latch enable (active high)
TTL
INTB
U7
Interrupt (active low)
TTL
RDB
W7
Read enable (active low)
TTL
WRB
Y7
Write enable (active low)
TTL
CONFIG
W6
Configuration strobe (active high)
TTL
CSB
Y6
Chip select (active low)
TTL
MONCLK
A6
Loss of activity monitor clock (active high)
TTL
Power Supplies
VCC
A1, A2, A3, A4, A5, A16, A17, A18,
A19, A20, B1, B2, B3, B4, B5, B15, B16,
B17, B18, B19, B20, C1, C2, C3, C4, C5,
C6, C16, C17, C18, C19, C20, D1, D2,
D3, D4, D5, D16, D17, D18, D19, D20,
E1, E2, E3, E4, E17, E18, E19, E20, F1,
F2, F3, F4, F19, F20, G3, G4, G19, H2,
J20, K2, K3, K4, K17, K18, K19, K20,
L1, L2, L3, L4, L17, L18, L19, M1, P2,
R1, R2, R4, R17, R18, R20, T1, T2, T3,
T4, T17, T18, T19, T20, U1, U2, U3, U4,
U16, U17, U18, U19, U20, V1, V2, V3,
V4, V16, V17, V18, V19, V20, W1, W2,
W3, W4, W5, W16, W17, W18, W19,
W20, Y1, Y2, Y3, Y4, Y5, Y16, Y17,
Y18, Y19, Y20
Power
+3.3V
Table 9: Pin Identification
Signal
Name
Pin
Function
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com