Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC834 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC834 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
Page 2
G52247-0, Rev 4.2
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Figure 1: Detailed Block Diagram:
Functional Description
Data Paths
All input data must be differential and biased to PECL levels. On-chip terminations are provided, with a
nominal impedance of 50
Ω. All input termination resistors are tied to V
TERM.
Data outputs are provided through differential current switches with on-chip terminations that produce a
PECL level output swing. The drive level of the output circuit is designed to produce standard PECL levels
when terminated in 50
Ω to 2.0V. Other termination voltages are possible, such as to V
CC or 1.3V, but the volt-
age level of the output swing will be shifted from its nominal value. The common-mode voltage of the output
swing can be adjusted using the VCOM pin. The adjustment range is not calibrated, but typically allows for
about +200mV of adjustment in the output common-mode voltage.
Output channels can be powered off in pairs if fewer than 17 outputs are required. By connecting the VEE
pin associated with a given pair of outputs to VCC, the output pairs will pull to VCC and chip power will be
reduced by roughly 200mW.
17x17
Switch Core
A, AN[16:0]
Y, YN[16:0]
Program Memory
17
Control Interface
DATA[4:0], ADDR[5:0]
ALE, CSB, WRB, RDB INTB,
MONCLK, CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com