Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC834 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC834
Description  2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC834 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC834 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC834 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Datasheet
VSC834
2.5Gb/s 17x17 Crosspoint Switch
with Input Signal Activity (ISA) Monitoring
G52247-0, Rev 4.2
Page 1
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
General Description
The VSC834 is a monolithic 17x17 asynchronous crosspoint switch designed to carry broadband data
streams at up to 2.5Gb/s. The non-blocking switch core is programmed through a parallel microprocessor inter-
face that allows random access programming of each output port. A high degree of signal integrity is main-
tained through the chip through fully differential signal paths.
The crosspoint function is based on a multiplexer tree architecture. Each data output is driven by a 17:1
multiplexer tree that can be programmed to one and only one of its 17 inputs, and each data input can be pro-
grammed to multiple outputs. The signal path is unregistered, so no clock is required for the data inputs. The
signal path is asynchronous, so there are no restrictions on the phase, frequency, or signal pattern at each input.
Each input channel has an activity monitor function that can be used to identify loss of activity (LOA). An inter-
rupt pin is provided to signal LOA, after which an external controller can query the chip to determine the chan-
nel(s) on which the fault occurred.
Each output driver is a fully differential switched current driver with on-die back-terminations for maxi-
mum signal integrity. Data inputs are terminated on die through 50
Ω resistors connected to V
TERM.
The parallel interface uses TTL levels, and provides address, data, and control pins that are compatible with
a microprocessor-style interface. The control port provides access to all chip functions, including LOA, and
programming. Program buffering is provided to allow multiple program assignments to be queued and issued
simultaneously via a single configure command.
VSC834 Block Diagram
• 17 Input by 17 Output Crosspoint Switch
• 2.5Gb/s NRZ Data Bandwidth
• 42 Gb/s Aggregate Bandwidth
• TTL Compatible
µP Interface
• Differential PECL Data Inputs
• On-chip 50
Ω Input Terminations
• 50
Ω Source Terminated PECL Output Drivers
• Single 3.3V Supply
• 9W Maximum Power Dissipation
• High Performance 256 Pin BGA Package
A0
A16
µP Interface
Y0
Y16
Control Logic


Similar Part No. - VSC834

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC830 VITESSE-VSC830 Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC830QZ VITESSE-VSC830QZ Datasheet
182Kb / 18P
2.7Gb/s Asynchronous Dual 2x2 Crosspoint Switch
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
VSC837 VITESSE-VSC837 Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
VSC837UG VITESSE-VSC837UG Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
More results

Similar Description - VSC834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
Sep-1988
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8151 AD-AD8151 Datasheet
5Mb / 36P
33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV.0
logo
Vitesse Semiconductor C...
VSC837UG VITESSE-VSC837UG Datasheet
340Kb / 26P
3.2Gb/s 68x68 Crosspoint Switch
VSC835 VITESSE-VSC835 Datasheet
162Kb / 18P
34x34 Crosspoint Switch with Signal Detection
logo
ORION FANS
OMB5200 ORIONFANS-OMB5200 Datasheet
1Mb / 1P
OMB5200 Series 432x348x132.6 (17' x 13.7' x 5.22') OA300ST Series 432x203x44.5mm (17' x 8' x 1.75')
logo
Freescale Semiconductor...
17XSF500 FREESCALE-17XSF500 Datasheet
1Mb / 70P
Penta 17 mOhm High Side Switch
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
Penta 17 m High-Side Switch
logo
Semtech Corporation
GX3290 SEMTECH-GX3290 Datasheet
1Mb / 47P
290 x 290 3.5Gb/s Crosspoint Switch
logo
PHOENIX CONTACT
3240863 PHOENIX-3240863 Datasheet
74Kb / 4P
Protective hose - WP-STEEL S 17
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com