Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3462 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 29Page - Microchip Technology MCP3462 Datasheet HTML 30Page - Microchip Technology MCP3462 Datasheet HTML 31Page - Microchip Technology MCP3462 Datasheet HTML 32Page - Microchip Technology MCP3462 Datasheet HTML 33Page - Microchip Technology MCP3462 Datasheet HTML 34Page - Microchip Technology MCP3462 Datasheet HTML 35Page - Microchip Technology MCP3462 Datasheet HTML 36Page - Microchip Technology MCP3462 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 33
MCP3461/2/4
5.1.1
BURNOUT CURRENT SOURCES
FOR SENSOR OPEN/SHORT
DETECTION
The ADC inputs, VIN-/VIN+, feature a selectable burn-
out current source that enables open or short-circuit
detection, as well as biasing very low current external
sensors. The bias current is sourced on the VIN+ pin of
the ADC (noninverting output of the analog multiplexer)
and sunk on the VIN- pin of the ADC (inverting output of
the analog multiplexer). Since the same current flows
at the VIN-/VIN+ pins of the ADC, it can sense the
impedance of an externally connected sensor that
would be connected between the selected inputs of the
multiplexer. When the sensor is in short circuit, the
ADC will convert signals that are close to 0V. When the
sensor is an open circuit, the ADC will convert signals
that are close to the AVDD voltage.
The current source is an independent peripheral of the
ADC. It does not need the ADC to be in Conversion
mode to be present. Once enabled, the current source
provides current even when the ADC is in Reset or
ADC Shutdown modes. The current source can be
configured at any time by programming
the
CS_SEL[1:0] bits in the CONFIG0 register (see
Table 5-2).
Since the amount of current selected can be very small,
it may be necessary to diminish the MCLK master clock
frequency to be able to reach full desired accuracy
during conversions (the settling time of the input
structure, including the sensor, can be large if the sen-
sor is very resistive, which will limit the bandwidth of the
Sample-and-Hold input circuit).
The accuracy of the current sources is around ±20%
and it is not controlled well internally. However, the
mismatch between sink and source is typically around
±1%. This relatively low accuracy on the current is
generally sufficient for open/short detection applications.
Figure 2-35 shows how the ADC output code is varying
when the burnout current sources are enabled (with
GAIN = 1x) and the input sensor impedance is swept
with a large dynamic range. This permits the users to
use the ADC as an open/short detection circuit that is
practical when manufacturing complex remote sensor
systems.
5.1.2
INTERNAL TEMPERATURE
SENSOR
The device includes an on-board temperature sensor
that is made of two typical P-N junction diodes biased
by fixed current sources (TEMP Diodes P and M). The
TEMP Diode P has a current density of 4x of the TEMP
Diode M.
The difference in the current densities of the diodes
yields a voltage, which is a function of the absolute
temperature.
Once the ADC inputs (VIN+/VIN-) are connected to the
temperature sensor diodes (MUX[7:0] = 0xDE), the
ADC will see a VIN differential input that is the function
of the temperature. The transfer function of the
temperature sensor can be approximated by a linear
equation or a third-order equation for more accuracy.
When the internal temperature sensor is selected for
the MUX or SCAN input, the input sink/source current
source controlled by the CS_SEL[1:0] bits (see
Section 5.1 “Analog Input Multiplexer”) is disabled
internally (even though the CS_SEL[1:0] bits are not
modified by the temperature sensor selection). In this
case, the input current source is replaced by a specific
internal current source that will only be sourced to the
diode temperature sensor (see Figure 5-1).
The bias current of the diodes is not calibrated
internally and can lead to a relatively large gain and
offset error in the transfer function of the temperature
sensor. Typical graphs showing the typical error in the
temperature measurement are provided in Section 2.0
“Typical Performance Curves” (see Figure 2-32
first-order and Figure 2-33 for third-order fitting).
The accuracy can also be optimized by using proper
digital gain and offset error calibration schemes.
TABLE 5-2:
BURNOUT CURRENT
SOURCE SETTINGS
CS_SEL[1:0]
(Source/Sink)
Burnout Current
Amplitude
00
0 µA
01
0.9 µA
10
3.7 µA
11
15 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com