Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3462 Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 81Page - Microchip Technology MCP3462 Datasheet HTML 82Page - Microchip Technology MCP3462 Datasheet HTML 83Page - Microchip Technology MCP3462 Datasheet HTML 84Page - Microchip Technology MCP3462 Datasheet HTML 85Page - Microchip Technology MCP3462 Datasheet HTML 86Page - Microchip Technology MCP3462 Datasheet HTML 87Page - Microchip Technology MCP3462 Datasheet HTML 88Page - Microchip Technology MCP3462 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 85
MCP3461/2/4
8.4
CONFIG2 Register
Name
Bits
Address
Cof
CONFIG2
8
0x3
R/W
REGISTER 8-4:
CONFIG2: CONFIGURATION REGISTER 2
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
BOOST[1:0]
GAIN[2:0]
AZ_MUX
RESERVED[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
BOOST[1:0]: ADC Bias Current Selection
11 = ADC channel has current x 2
10 = ADC channel has current x 1 (default)
01 = ADC channel has current x 0.66
00 = ADC channel has current x 0.5
bit 5-3
GAIN[2:0]: ADC Gain Selection
111 = Gain is x64 (x16 analog, x4 digital)
110 = Gain is x32 (x16 analog, x2 digital)
101 = Gain is x16
100 = Gain is x8
011 = Gain is x4
010 = Gain is x2
001 = Gain is x1 (default)
000 = Gain is x1/3
bit 2
AZ_MUX: Auto-Zeroing MUX Setting
1 = ADC auto-zeroing algorithm is enabled. This setting multiplies by two the conversion time and
does not allow Continuous Conversion mode operation (which is then replaced by a series of
consecutive One-Shot mode conversions).
0 = Analog input multiplexer auto-zeroing algorithm is disabled (default)
bit 1-0
RESERVED[1:0]: Should always be set to ‘11’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com