Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3462 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP3462
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3462 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP3462 Datasheet HTML 32Page - Microchip Technology MCP3462 Datasheet HTML 33Page - Microchip Technology MCP3462 Datasheet HTML 34Page - Microchip Technology MCP3462 Datasheet HTML 35Page - Microchip Technology MCP3462 Datasheet HTML 36Page - Microchip Technology MCP3462 Datasheet HTML 37Page - Microchip Technology MCP3462 Datasheet HTML 38Page - Microchip Technology MCP3462 Datasheet HTML 39Page - Microchip Technology MCP3462 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
MCP3461/2/4
DS20006180D-page 36
 2019-2021 Microchip Technology Inc.
5.3.2
DIGITAL GAIN
When the gain setting is chosen from 16x to 64x, the
analog gain stays constant at 16x and the additional
gain is done in the digital domain by a simple shift and
round of the output code. The digital gain range is 1x to
4x. The output noise is approximately unchanged (out-
side from the quantization noise that is slightly
decreased). The SNR is thus degraded by 6 dB per
octave from the 16x to 64x setting.
This digital gain is useful to scale-up the signals without
using the host device (MCU) operations, but they
degrade SNR and resolution (1 bit per octave) and do
not significantly improve the noise performance, except
for very large OSR settings.
5.4
Delta-Sigma Modulator
5.4.1
ARCHITECTURE
The Sigma-Delta
 ADC includes a second-order
modulator with a multibit DAC architecture. Its 5-level
quantizer is a Flash ADC composed of four compara-
tors with equally spaced thresholds and a thermometer
output coding. The proprietary 5-level architecture
ensures minimum quantization noise at the outputs of
the modulators without disturbing linearity or inducing
additional distortion.
Unlike most multibit DAC architectures, the 5-level
DAC used in this architecture is inherently linear, and
therefore, does not degrade the ADC linearity and THD
performance.
The sampling frequency is DMCLK; therefore, the
modulator outputs are refreshed at a DMCLK rate.
Figure 5-2 represents a simplified block diagram of the
Delta-Sigma modulator.
FIGURE 5-2:
Simplified Delta-Sigma ADC
Block Diagram.
5.4.2
MODULATOR OUTPUT BLOCK
The modulator output option allows users to apply their
own digital filtering on the output bit stream. By setting
IRQ_MODE[1] = 1 in the IRQ register, the modulator
output is available at the IRQ/MDAT pin, at the AMCLK
rate and through the ADCDATA register (0x0) with
DMCLK rate. With this configuration, the digital deci-
mation filter is disabled in order to reduce the current
consumption and no data ready interrupt is generated
on any of the IRQ mechanisms. The IRQ/MDAT pin is
never placed in high-impedance during the Modulator
Output mode.
Since the Delta-Sigma modulator has a 5-level output
given by the state of four comparators with thermometer
coding, the output is represented using four bits, each bit
represents the state of the corresponding comparator
(see Table 5-4).
The comparator output bits are arranged serially at the
AMCLK rate on the IRQ/MDAT output pin (see
Figure 5-3).
This 1-bit serial bit stream is considered to be the same
one as it is produced by a 1-bit DAC modulator with a
sampling frequency of AMCLK. The modulator can
either be considered as a 5 level-output at DMCLK rate
or as 1-bit output at AMCLK rate. These two represen-
tations are interchangeable. The MDAT outputs can
therefore be used in any application that requires 1-bit
modulator outputs. This application can be integrated
with an external sinc filter or more advanced decima-
tion filters that are computed in the MCU or DSP
device.
When CLK_SEL[1:0] = 11 (internal oscillator with
external clock output), the AMCLK clock is present on
the MCLK pin. This configuration permits correctly
synchronizing the bit stream when the internal
oscillator is used as the master clock source.
When CLK_SEL[1:0] = 00, the modulator outputs are
also synchronized with the MCLK input, but the ratio
between MCLK and AMCLK needs to be taken into
account in the user applications to correctly retrieve the
desired bit stream.
The default value of the bit stream after a Reset or a
power-up is ‘0011’. It is equivalent to a 0V input for the
ADC. After each ADC Reset and restart (see
Section 5.15 “A/D Conversions Automatic Reset
and Restart Feature”), the bit stream output is also
reset and restarted and the IRQ/MDAT is kept equal to
logic high during the two MCLK clock periods needed
for the synchronization. After these two clock periods,
the bit stream will be provided on the IRQ/MDAT pin
and the first value will be the default value.
Differential Input
Voltage
(from Analog Mux)
Analog
2
nd Order
Loop
Filter
Output
Bitstream
Thermometer Coding
(to Digital Filter)
Delta-Sigma 2
nd Order 5-Level Modulator
4
Analog
Digital
5-Level DAC
Quantizer
5-Level Flash
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com