Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464R-E/ST Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3464R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R-E/ST Datasheet(HTML) 4 Page - Microchip Technology

  MCP3464R-E/ST Datasheet HTML 1Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 2Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 3Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 4Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 5Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 6Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 7Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 8Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 4
 2020-2021 Microchip Technology Inc.
Functional Block Diagram
AMCLK
DMCLK/DRCLK
POR
AVDD
Monitoring
VREF+
MCLK
IRQ/MDAT
Digital SPI
Interface
and control
Clock
Generation
(RC Oscillator)
DMCLK
OSR[3:0]
PRE[1:0]
ANALOG
DIGITAL
SDO
SDI
SCK
CS
AGND
DGND
AVDD
DVDD
V
IN
+
V
IN
-
-
+
Δ
nd Order
Modulator
with Analog
Gain
+
x
Offset/Gain
Calibration
POR
DVDD
Monitoring
REFIN+/OUT
REFIN-
VREF-
SINC
3 Filter
with Digital
Gain
SINC
1
Filter
Converter
Analog
Differential
Multiplexer
CH0
CH1
CH
CH3
CH7
CH6
CH5
CH4
TEMP
Diodes
AGND AVDD
Burnout
Current
Sources
MCP3464R
only
MCP346 /4R
only
VREF_SEL
Voltage
Reference
+
-
2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com