Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464R-E/ST Datasheet(PDF) 82 Page - Microchip Technology

Part # MCP3464R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R-E/ST Datasheet(HTML) 82 Page - Microchip Technology

Back Button MCP3464R-E/ST Datasheet HTML 78Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 79Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 80Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 81Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 82Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 83Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 84Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 85Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 118 page
background image
MCP3461/2/4R
DS20006404C-page 82
 2020-2021 Microchip Technology Inc.
6.8.2
CONVERSION CYCLE START
INTERRUPT
This interrupt is the only selectable one and the only
one not present in the STATUS byte on the SDO and
IRQ registers. It is only available on the IRQ pin. The
user can enable or disable this output by using:
•[EN_STP] = 1: The conversion start interrupt
output is enabled (default).
•[EN_STP] = 0: The conversion start interrupt
output is disabled.
This interrupt marks the beginning of a conversion
cycle. In case of a One-Shot mode or Continuous mode
conversion in MUX mode, it marks the start of the
sampling in the first conversion (after the ADC start-up
delay of 256 DMCLK periods). In case of a Scan mode,
it marks the start of the sampling in the first conversion
of the first Scan mode cycle. The host MCU can utilize
this interrupt to synchronize the start of the ADC con-
version and manage synchronous events together with
the conversion process (see Figure 6-14 for more
details).
FIGURE 6-14:
Conversion Start IRQ Timing Diagram.
This interrupt output generates a falling edge on the
IRQ pin and is automatically cleared after a short
period of time, TSTP.
6.8.3
POR INTERRUPT
The POR interrupt informs the user if a POR event has
happened or if the part is in a POR state when the IRQ
pin is used.
This interrupt is implemented with three different and
independent mechanisms: STATUS byte on SDO, IRQ
register Status bit and IRQ pin state.
6.8.3.1
STATUS Byte on SDO
When the device has just powered up, on the first
STATUS byte transmitted on SDO (first communica-
tion), the POR_STATUS bit is logic low. Once the
STATUS byte has been transmitted, the POR_STATUS
bit appears as ‘1’ until the part is powered down. If a
POR event occurs between two STATUS byte trans-
missions, and if the part is properly repowered up, the
POR_STATUS bit on SDO will appear as equal to ‘0’ on
the latter reading. This mechanism can only work when
the power supplies are back above the POR thresholds
on the analog and digital cores, as retrieving data from
the SPI port is not possible when the device is in a POR
state.
6.8.3.2
IRQ Register Status Bit
When the device has just powered up, the
POR_STATUS bit in the IRQ register is set to ‘0’. Once
the
IRQ
register
has
been
fully
read,
this
POR_STATUS bit is once again reset to ‘1’. If a POR
event occurs between two readings of the IRQ register,
the IRQ register Status bit will appear as equal to ‘0’ on
the second reading. This mechanism can only work
when the power supplies are back above the POR
thresholds on the analog and digital cores.
6.8.3.3
IRQ Pin State
A Logic Low state is generated on the IRQ pin as soon
as the AVDD or DVDD monitoring circuits detect a power
supply drop below their specified threshold.
This POR interrupt can only be cleared when both
AVDD and DVDD are above their monitoring voltage
thresholds. When this condition is met, the POR
threshold is cleared by the CS falling edge. Therefore,
it means that if a CS falling edge does not clear the IRQ
pin state, the POR event is still in effect.
00
ADC_MODE
IRQ
TADC_SETUP
TCON V
TSTP
11
Conversion
Start IRQ
(EN_STP = 1)
Data Ready
IRQ
Shutdown
ADC STATUS
1st Conv ers ion in
either MUX or SCAN mode
Sta rt-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com