Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464R-E/ST Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP3464R-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low-Noise, 16-Bit Delta-Sigma ADCs with Internal Voltage Reference
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464R-E/ST Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP3464R-E/ST Datasheet HTML 81Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 82Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 83Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 84Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 85Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 86Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 87Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 88Page - Microchip Technology MCP3464R-E/ST Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 118 page
background image
 2020-2021 Microchip Technology Inc.
DS20006404C-page 85
MCP3461/2/4R
7.0
BASIC APPLICATION
CONFIGURATION
The MCP3461/2/4R devices can be used for various
precision Analog-to-Digital Converter applications. The
flexibility of its usage is given by the possibility of
configuring the ADC to fit the required application.
7.1
Typical Application for Absolute
Voltage Measurement
The MCP3461/2/4R devices are able to measure the
signal provided by sensors with absolute voltage out-
put. For such applications, the MCP3461/2/4R family
typically uses its internal voltage reference. For the
best performance, an external capacitor is recom-
mended on the REFIN+/OUT pin for noise filtering and
to provide more stability for the internal voltage
reference (See Section 3.1 “Differential Reference
Voltage Inputs: REFIN+/OUT, REFIN-”).
FIGURE 7-1:
MCP3464R Application Example.
CH3
RG9/ADC_CS2
RG7/ADC_MISO2
RG6/ADC_SCK2
RG8/ADC_MOSI2
GND
RD3/ADC_CLKIN
CH1
GNDA
GNDA
GNDA
CH0
CH2
10R
0603
5%
R18
5%
10R
0603
R17
16V
0.1 μF
0603
C13
5%
10R
0603
R14
16V
0.1 μF
0603
C11
10R
0603
5%
R21
10R
0603
5%
R16
10R
0603
5%
R20
10R
0603
5%
R15
10R
0603
5%
R19
16V
0.1 μF
0603
C6
16V
0.1 μF
0603
C9
5%
100
0603
R6
5%
100
0603
R12
5%
100
0603
R8
5%
100
0603
R5
16V
0.1 μF
0603
C4
16V
0.1 μF
0603
C3
3.3D
3.3A
ADC
GND
CH5
GNDA
CH4
0
0
1%
5
0603
R10
5%
100
0603
R7
16V
0.1 μF
0603
C5
16V
0.1 μF
0603
C2
CH7
GNDA
CH6
5%
100
0603
R11
5%
100
0603
R9
16V
0.1 μF
0603
C8
16V
0.1 μF
0603
C7
16V
0.1 μF
0603
C14
16V
0.1 μF
0603
C12
RA14/ADC_IRQ
GNDA
J7
J5
J3
J1
GNDA
10uF
10V
0603
C10
GNDA
Anti-Aliasing Filters
RA14/ADC_IRQ
3.3D
5%
10k
0603
R22
IRQ Pull-up
REFIN-
1 REFIN+/OUT
2
CH0
3
CH1
4
CH2
5
CH3
6
CH4
7
CH5
8
CH6
9
CH7
10
CS 11
SCK 12
SDI 13
SDO 14
IRQ/MDAT 15
MCLK 16
DGND 17
DV
DD
18
AV
DD
19
AGND
20
EP 21
MCP3464R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com