Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP6 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MSP6
Description  Final Control Elements MINI-TOP ELECTRONIC ACTUATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSP6 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MSP6 Datasheet HTML 1Page - M-System Co.,Ltd. MSP6 Datasheet HTML 2Page - M-System Co.,Ltd. MSP6 Datasheet HTML 3Page - M-System Co.,Ltd. MSP6 Datasheet HTML 4Page - M-System Co.,Ltd. MSP6 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MSP6
MSP6 SPECIFICATIONS
ES-4853 Rev.19 Page 4/5
http://www.m-system.co.jp/
TERMINAL CONNECTIONS
black (1)
+(U)
–(V)
+(U)
+
COM1
COM2
COM1
white (2)
red (3)
green (4)
yellow (5)
blue (6)
gray (7)
brown (8)
POWER VOLTAGE
INPUT
POSITION OUTPUT (1 – 5V DC)
UP
DOWN
1
2
5
6
9
3
4
7
8
10
11
COM2
COM1
COM1
UP
DOWN
+
FULL-OPEN or
FULL-CLOSED
SIGNAL
FORCED
OPEN/CLOSE
SIGNAL
• (1) to (8): Terminal No. of terminal box.
• Full-open/-closed signals and forced open/close signals are optional.
NOTE
■ With Both Full-open/closed Signal
and Forced Open/Close Signal
UP
DOWN
FORCED
OPEN/CLOSE
SIGNAL
UP
DOWN
FULL-OPEN or
FULL-CLOSED
SIGNAL
POWER VOLTAGE
POSITION OUTPUT (1 – 5V DC)
INPUT
–(V)
+
+
EXTERNAL DIMENSIONS unit: mm (inch)
PCD.
70 (2.76)
■ WITHOUT TERMINAL BOX
OUTPUT STEM HOLE SIZE M
CODE
DIA.
PITCH
DEPTH
6
M 6
0.75
8
M 8
1.0
1
M10
1.25
15
D
M 6
1.0
E
M 8
1.25
F
M10
1.5
* 58 (2.28) max. with 10 – 20 mm stroke
CABLE CONNECTOR w/ 1 m (3.28 ft) LEADWIRE
4–M8 TAP 15 (.59) deep
YOKE CONNECTION
YOKE
SURFACE
146 (5.75)
1 (.04) 22 (.87)
102 (4.02)
M (See the table above)
36 (1.42) dia.
0
55–0.1 dia.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com